Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNP-Z201 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-Z201
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z201 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-Z201 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z201 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z201 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z201 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
General Purpose
NOV. 2016
4-1
-Jim-
Rated
200W
SNP-Z20 Series
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Inrush current ............................................ < 30A at 115VAC
(cold start at 25oC)
or < 60A at 230VAC
Efficiency .............................. 80%~85% depends on models
Hold up time ............................................................. > 20 ms
at rated load and 115VAC
Over load protection ........................................ auto recovery
Short circuit protection..................................... auto recovery
Over voltage protection ............................................ latch off
Operating temperature (open frame type) ........... 0oC to 70oC
derating: 2.5% / oC > 50oC
Cooling .......................................... 200W free air convection
250W 18CFM forced air
Storage temperature ...................................... -20oC to +85oC
EMI .................................................................. EN55022 "B"
Harmonics............................................ EN61000-3-2 class D
EMS........................................... EN61000-4-2,-3,-4,-5,-6,-11
Safety ................................................ UL 60950, UL 60601-1
CSA C22.2 No. 234 & 60601-1
TUV EN60950-1 & 60601-1
Mechanical Specifications:
General Specifications:
Features:
●
With built-in PFC
●
Only 1.5 inch height
●
4.0 Watt per cubic inch
●
With ITE safety only
●
Efficiency between 80% to 85%
●
Operation from 0oC to 70oC by convection
●
SNP-Z207-M, SNP-Z209-M for Medical only
Applications:
●
For dental, laboratory products, pumps, monitors, sleep
apnea devices and many other uses.
Notes:
1. Size:
4.2" x 8.0" x 1.5"
2. Mounting Hole:
95.3 x 165.1 (mm)
3. Connectors:
AC input : Terminal blocks
DC output: Terminal blocks
Fan, Remote sense, LED:
Molex 5045-02A or equivalent
4. Output Pin assignment:
4. Packing:
Net weight: 740 g approx. / unit
Gross weight: 14 kg approx. / carton, 16 units / carton
Carton size (mm): 426 (L) x 313 (W) x 267 (H)
10 years Warranty (contact Skynet's Distributors for details)
4.2" x 8" x 1.5"
203.2 (8")
106.7
(4.2")
38.1
(1.5")
PIN NO.
1
2
3
4
5
6
7
8
SNP-Z201*
+5V +5V GND1 GND1 GND1 +12VA GND2 +12VB
Other Models +V
+V
+V GND GND GND


Similar Part No. - SNP-Z201

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-Z05 SKYNET-SNP-Z05 Datasheet
352Kb / 4P
General Purpose
SNP-Z056 SKYNET-SNP-Z056 Datasheet
352Kb / 4P
General Purpose
SNP-Z057 SKYNET-SNP-Z057 Datasheet
352Kb / 4P
General Purpose
SNP-Z058 SKYNET-SNP-Z058 Datasheet
352Kb / 4P
General Purpose
SNP-Z059 SKYNET-SNP-Z059 Datasheet
352Kb / 4P
General Purpose
More results

Similar Description - SNP-Z201

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FB-1X PREMO-FB-1X Datasheet
122Kb / 1P
General Purpose
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com