Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86PM29B Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMP86PM29B
Description  CMOS 8-Bit Microcontroller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM29B Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TMP86PM29B Datasheet HTML 1Page - Toshiba Semiconductor TMP86PM29B Datasheet HTML 2Page - Toshiba Semiconductor TMP86PM29B Datasheet HTML 3Page - Toshiba Semiconductor TMP86PM29B Datasheet HTML 4Page - Toshiba Semiconductor TMP86PM29B Datasheet HTML 5Page - Toshiba Semiconductor TMP86PM29B Datasheet HTML 6Page - Toshiba Semiconductor TMP86PM29B Datasheet HTML 7Page - Toshiba Semiconductor TMP86PM29B Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TMP86FM29
2004-03-01
86FM29-5
Pin Functions
Pin Name
Input/Output
Functions
P17 (SEG24, SCK )
I/O (I/O)
Serial clock input/output
P16 (SEG25, TxD, SO)
I/O (Output)
UART data output
Serial data output
P15 (SEG26, RxD, SI
BOOT)
I/O (I/O)
UART data input
Serial data input
Serial PROM mode control
input
P14 (SEG27, INT3)
I/O (I/O)
External interrupt 3 input
P13 (SEG28, INT2)
I/O (I/O)
External interrupt 2 input
P12 (SEG29, INT1)
I/O (I/O)
External interrupt 1 input
P11 (SEG30)
I/O (Output)
P10 (SEG31)
I/O (Output)
8-bit input/output port with latch.
When used as input port, an external
interrupt input, serial interface
input/output and UART data
input/output, the P1LCR must be set to
“0” after setting output latch to “1”.
When used as a LCD segment output,
the P1LCR must be set to “1”.
LCD segment
outputs.
P22 (XTOUT)
I/O (Output)
P21 (XTIN)
I/O (Input)
Resonator connecting pins (32.768 kHz)
For inputting external clock, XTIN is used and
XOUT is opened.
P20 ( INT5 , STOP )
I/O (Input)
3-bit input/output port with latch. When
used as an input port, the output latch
must be set to “1”.
External interrupt input 5 or STOP mode
release signal input
P33 ( PWM6 , PDO6
PPG6
, TC6)
I/O (I/O)
Timer counter 6 input/output
P32 ( PWM4 , PDO4
PPG4
, TC4)
I/O (I/O)
Timer counter 4 input/output
P31 ( PWM3 , PDO3 ,
TC3)
I/O (I/O)
Timer counter 3 input/output
P30 ( DVO )
I/O (Output)
4-bit programmable input/output port
(Nch high current output).
When used as a timer/counter output or
divider output, the output latch must be
set to “1”. When used as an input port
or timer/counter input, the P3OUTCR
must be set to “0” after P3DR is set to
“1”.
Divider output
P57 (SEG16) to
P50 (SEG23)
I/O (Output)
8-bit input/output port with latch.
When used as a LCD segment output,
the P5LCR must be set to “1”.
LCD segment outputs
P67 (AIN7, STOP5)
I/O (Input)
STOP 5 input
P66 (AIN6, STOP4)
I/O (Input)
STOP 4 input
P65 (AIN5, STOP3)
I/O (Input)
STOP 3 input
P64 (AIN4, STOP2)
I/O (Input)
STOP 2 input
P63 (AIN3, INT0 )
I/O (Input)
External interrupt 0 input
P62 (AIN2, ECNT)
I/O (Input)
P61 (AIN1, ECIN)
I/O (Input)
Timer/Counter 1 input
P60 (AIN0)
I/O (Input)
8-bit programmable input/output port
(tri-state). Each bit of this port can be
individually configured as an input or an
output under software control. When
used as an analog input, the P6CR
must be set to “0” after setting output
latch to “0”. When used as an input
port, a key on wake up input, an
external interrupt input and timer/
counter input, the P6CR must be set to
“0” after setting output latch to “1”.
AD converter
analog inputs
P77 (SEG8) to
P70 (SEG15)
I/O (Output)
8-bit input/output port with latch.
When used as a LCD segment output,
the P7LCR must be set to “1”.
LCD segment outputs
SEG7 to SEG0
LCD segment outputs
COM3 to COM0
Output
LCD common outputs
V3 to V1
C1 to C0
LCD voltage
booster pin
LCD voltage booster pin.
Capacitors are required between C0 and C1 pin and V1/V2/V3 pin and GND.
XIN, XOUT
Input Output
Resonator connecting pins for high-frequency clock.
For inputting external clock, XIN is used and XOUT is opened.
RESET
I/O
Reset signal input or watchdog timer output/address-trap-reset output/system clock
reset output
TEST
Input
Test pin for out-going test, and the serial PROM mode control pin. Usually be fixed to
low level. When the serial PROM mode starts, be fixed to "1".
VDD, VSS
+5 V, 0 (GND)
VAREF
Analog reference voltage inputs (High)
AVDD
Power Supply
AD circuit power supply



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com