Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD7750 Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7750
Description  High Voltage Green-Mode PWM Controller with Over Temperature Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7750 Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7750 Datasheet HTML 9Page - Leadtrend Technology LD7750 Datasheet HTML 10Page - Leadtrend Technology LD7750 Datasheet HTML 11Page - Leadtrend Technology LD7750 Datasheet HTML 12Page - Leadtrend Technology LD7750 Datasheet HTML 13Page - Leadtrend Technology LD7750 Datasheet HTML 14Page - Leadtrend Technology LD7750 Datasheet HTML 15Page - Leadtrend Technology LD7750 Datasheet HTML 16Page - Leadtrend Technology LD7750 Datasheet HTML 17Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LD7750
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7750-DS-00b February 2010
remove the AC power cord and restart AC power-on
recycling. The detailed operation is depicted in Fig. 19.
Pull-Low Resistor on the Gate Pin of
MOSFET
An anti-floating resistor is built in with the OUT pin to
prevent the output from any uncertain state. Otherwise, it
may cause the MOSFET to work abnormally or mis-trigger.
However, such design won’t cover the condition of
disconnection between the OUT pin and the gate terminal
for the MOSFET. Thus it is still strongly recommended
to have a resistor connected at the MOSFET gate
terminal (as shown in Fig. 20) to provide extra protection
for fault conditions.
This external pull-low resistor is to prevent the MOSFET
from damage during power-on when the gate resistor Rg
is disconnected. In such a fault condition, as show in Fig.
21, the resistor R8 can provide a discharge path to avoid
the MOSFET from being falsely triggered by the current
through the gate-to-drain capacitor CGD. Therefore, the
MOSFET should be always pulled-low to persist in
off-state.
UVLO(on)
UVLO(off)
t
AC input Voltage
OTP
t
OUT
Switching
Switching
Non-Switching
t
VCC
t
1.05V
0.95V
V(-)Latch
OTP Release
PDR (8V)
AC Off
AC On (Recycle)
Latch Released
Fig. 19
Fig. 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com