Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2DL814SC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2DL814SC
Description  1:4 Clock Fanout Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DL814SC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2DL814SC Datasheet HTML 1Page - Cypress Semiconductor CY2DL814SC Datasheet HTML 2Page - Cypress Semiconductor CY2DL814SC Datasheet HTML 3Page - Cypress Semiconductor CY2DL814SC Datasheet HTML 4Page - Cypress Semiconductor CY2DL814SC Datasheet HTML 5Page - Cypress Semiconductor CY2DL814SC Datasheet HTML 6Page - Cypress Semiconductor CY2DL814SC Datasheet HTML 7Page - Cypress Semiconductor CY2DL814SC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ComLink™ Series
CY2DL814
Document #: 38-07057 Rev. *A
Page 2 of 8
Maximum Ratings[1][2]
Storage Temperature: ................................–65
°C to + 150°C
Ambient Temperature:................................... –40
°C to +85°C
Supply Voltage to Ground Potential
(Inputs and VCC only)....................................... –0.3V to 4.6V
Supply Voltage to Ground Potential
(Outputs only) ........................................ –0.3V to VDD + 0.3V
DC Input Voltage ................................... –0.3V to VDD + 0.3V
DC Output Voltage................................. –0.3V to VDD + 0.9V
Power Dissipation........................................................ 0.75W
Note:
1.
Stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. This is intended to be a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
2.
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
Pin Description
Pin Number
Pin Name
Pin Standard Interface
Description
6,7
IN+, IN–
Configurable
Differential input pair or single line.
LVPECL default. See config below.
3
CNTRL
LVTTL/LVCMOS
Converts into a High drive driver from a standard LVDS.
Standard drive (logic = 0)
B/High drive/Bus (logic = 1)
2
CONFIG
LVTTL/LVCMOS
Converts inputs (IN+/IN–), (EN, EN#) from the default
LVPECL/LVDS (logic = 0)
To LVTTL/LVCMOS (logic = 1)
1,8
EN1, EN2
LVTTL/LVCMOS
Enable/disable logic. See Table 1 below for details.
16,15,14,13
12,11,10,9
Q1A, Q1B, Q2A,
Q2B,
Q3A, Q3B, Q4A,
Q4B
LDVS
Differential outputs.
4VDD
POWER
Positive supply voltage
5
G
ND
POWER
Ground
Table 1. EN1 EN2 Function Table–Differential Input Mode
Enable Logic
Input
Outputs
EN1
EN2
IN+
IN–
QnA
QnB
H
X
HL
HL
HX
L
H
L
H
X
L
HL
HL
XL
L
H
L
H
LH
X
X
Z
Z
Table 2. Output Drive Control for Standard and Bus/B/High Drive B
CNTRL Pin 3 Binary Value
Drive STD
Impedance
Output Voltage Value
0
Standard
100 ohm
V0 = Voutput
50 ohm
V = 1/2 * V0
1
High Drive/Bus/B
100 ohm
V = 2 * V0
50 ohm
V = V0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com