Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS1021A Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # LS1021A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1021A Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button LS1021A Datasheet HTML 13Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 14Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 15Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 16Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 17Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 18Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 19Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 20Page - Freescale Semiconductor, Inc LS1021A Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
2-2
Freescale Semiconductor
2.1
Processor
The TWR-LS1021A supports as many features of the LS1021A as possible, as detailed in the following
sections. In addition, TWR-LS1021A provides the ability to accept the pin-compatible LS1020A as well,
with changes as noted as necessary. A system with a TWR-LS1020A installed is referred to as a
TWR-LS1020A; the boards and supporting hardware are all identical, but the ability to use various
features depends on the device used.
Lastly, the TWR-LS1021A accept an interposer which allows early evaluation of boards but has limited
features and restrictions. A notable restriction of the interposer is that the P1010 used requires 3.3V on
OVDD, forcing IFC and other rails to operate and 3.3V. TWR-LS1021A support this by isolating
OVDD-powered signals through external translation devices or the FPGA where required.
2.2
Power
The power supply system of the TWR-LS1021A systems use power from a desktop power supply to
provide the numerous processor and peripheral device supplies required. In addition to meeting required
power specifications, the following goals guide the power supply architecture:
•
Monolithic power supply for VCC (powering internal cores and platform logic)
•
DUT-specific power rails are instrumented such that current measurement is possible
•
All power supplies can be sequenced per hardware specifications
The board is powered through barrel connector from a 5V @ 5A DC supply. The mating plug should have
an inner diameter of 2.1 mm and outer diameter of 5.5 mm. Figure 2-1 shows the polarity of the barrel
connector.
Figure 2-1. Power supply barrel connector polarity
The 5 V input is used to generate all voltages on the board. Additionally when used with TWR elevators
and other TWR peripherals, the TWR-LS1021A provides 5 V and 3.3 V supplies.
The power supplies provided are organized into general categories and described in individual sections
below. Table 2-2 shows a general summary of power supplies and features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com