Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDZ3.3E Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDZ3.3E
Description  Zener Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZ3.3E Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDZ3.3E Datasheet HTML 1Page - First Silicon Co., Ltd FDZ3.3E Datasheet HTML 2Page - First Silicon Co., Ltd FDZ3.3E Datasheet HTML 3Page - First Silicon Co., Ltd FDZ3.3E Datasheet HTML 4Page - First Silicon Co., Ltd FDZ3.3E Datasheet HTML 5Page - First Silicon Co., Ltd FDZ3.3E Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
1
SOD-523
2
ANODE
1
CATHODE
2014. 4. 23
1/6
SEMICONDUCTOR
TECHNICAL DATA
FDZ2.0E ~ FDZ75E
Revision No : 0
Zener Voltage Regulators
200mW SOD–523 Surface Mount
This series of Zener diodes is packaged in a SOD–523 surface mount package.They
are designed to provide voltage regulation
situations where space is at a premium. They
cellular phones, hand held portables, and high density PC boards.
Specification Features:
• Standard Zener Breakdown Voltage Range – 2.0 V to 75 V
• Steady State Power Rating of 200 mW
• Small Body Outline Dimensions: 0.047" x 0.032"(1.20 mm x 0.80 mm)
• Low Body Height: 0.028" (0.7 mm)
• ESD Rating of Class 3 (>16 kV) per Human Body Model
Mechanical Characteristics:
CASE: Void-free, transfer-molded,thermosetting plastic
Epoxy Meets UL 94 V-0
LEAD FINISH: 100% Matte Sn (Tin)
QUALIFIED MAX REFLOW TEMPERATURE:260°C
Device Meets MSL 1 Requirements
MOUNTING POSITION: Any
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Device Dissipation FR
−5 Board,
@ TA = 25°C
PD
200
mW
Junction and Storage
Temperature Range
TJ, Tstg
−65 to
+150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
ORDERING INFORMATION
Device
Package
Shipping
We declare that the material of product
compliance with RoHS requirements.
SOD-523
3000/Tape&Reel
FDZ2.0E ~ FDZ75E
protection and are especially attractive in
are well suited for applications such as


Similar Part No. - FDZ3.3E

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDZ3.3 FS-FDZ3.3 Datasheet
259Kb / 3P
Zener Diode
FDZ3.3F FS-FDZ3.3F Datasheet
415Kb / 4P
Zener Voltage Regulators
FDZ3.3SOD723 FS-FDZ3.3SOD723 Datasheet
603Kb / 5P
ZENER DIODE
More results

Similar Description - FDZ3.3E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
Zener Voltage Regulators
August, 2004 ??Rev. 5
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 8
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
Zener Voltage Regulators
December, 2011 ??Rev. 7
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
Zener Voltage Regulators
January, 2012 ??Rev. 9
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
Zener Voltage Regulators
January, 2014 ??Rev. 12
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
Zener Voltage Regulators
January, 2012 ??Rev. 11
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
Zener Voltage Regulators
logo
Leshan Radio Company
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com