Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMD169P4 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD169P4
Description  5-7 GHz Driver Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD169P4 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD169P4 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD169P4 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD169P4 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD169P4 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD169P4 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD169P4 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD169P4 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD169P4 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD169P4 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.2 0516
CMD169P4
CMD169P4
CMD169P4
5-7 GHz Driver Amplifier
Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications - Vdd = 7.0 V, Ven=3.0 V TA = 25
oC
Parameter
Rating
Drain Voltage, Vdd
8.0 V
RF Input Power
+25 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
3.69 W
Thermal Resistance
17.6 °C/W
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Enable Voltage, Ven
4.0 V
Parameter
Min
Typ
Max
Units
Vdd
5.0
7.0
8.0
V
Ven
0
3.0
4.0
V
Idd
375
mA
Ien
19
mA
Operation of this device outside the maxi-
mum ratings may cause permanent damage.
Electrical performance is measured at spe-
cific test conditions. Electrical specifica-
tions are not guaranteed over all recom-
mended operating conditions.
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
5-7
5.6 - 6
GHz
Gain
15
18
21
16
19
22
dB
Input Return Loss
13
18
dB
Output Return Loss
12
12
dB
Output P1dB
27
28.4
27
28.4
dBm
Output IP3
34
37
dBm
Supply Current
345
375
405
345
375
405
mA
Enable Current
19
19
mA
Gain Temperature
Coefficient
0.025
0.025
dB/°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com