Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TESTO405 Datasheet(PDF) 1 Page - Testo SE & Co. KGaA

Part # TESTO405
Description  Thermal anemometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

TESTO405 Datasheet(HTML) 1 Page - Testo SE & Co. KGaA

  TESTO405 Datasheet HTML 1Page - Testo SE & Co. KGaA TESTO405 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flow velocity measuring instrument with temperature
measurement
Volume flow measurement up to 99990 m³/h
Extendable telescope up to 300 mm
Display illumination
Thermal
anemometer
testo 405
m/s
°C
testo 405 is a thermal anemometer. It allows the precise
measurement of air flow velocity, volume flow and
temperature. With the extendable telescope (up to 300 mm),
testo 405 is particularly suited for measuring the flow
velocity in ducts. Thanks to the attachment included in
delivery, the telescope can be optimally positioned in a
duct.
The testo 405 measures especially accurately in the range
from 0 and 2 m/s. Low air flow velocities such as at
draughty windows, for example, can thus be localized
exactly and measured extremely accurately.
The display can be rotated into different positions. This
enables optimum readout of the measurement values.
www.testo.com
We measure it.
testo-405-P01
12.07.2013
07:33
Seite 1


Similar Part No. - TESTO405

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
TESTO410 TESTO-TESTO410 Datasheet
248Kb / 2P
Vane anemometer
TESTO410-1 TESTO-TESTO410-1 Datasheet
248Kb / 2P
Vane anemometer
TESTO410-2 TESTO-TESTO410-2 Datasheet
248Kb / 2P
Vane anemometer
TESTO425 TESTO-TESTO425 Datasheet
334Kb / 2P
Thermal anemometer
TESTO435 TESTO-TESTO435 Datasheet
2Mb / 8P
Multi-function measuring instrument
More results

Similar Description - TESTO405

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
45160 EXTECH-45160 Datasheet
186Kb / 1P
Pocket Hygro-Thermo-Anemometer
407123 EXTECH-407123 Datasheet
99Kb / 8P
Hot Wire Thermo-Anemometer
451112 EXTECH-451112 Datasheet
161Kb / 5P
Vane Anemometer
451181 EXTECH-451181 Datasheet
332Kb / 13P
Datalogging / Printing Anemometer Psychrometer
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
CFM/CMM Thermo Anemometer
EZ30 EXTECH-EZ30 Datasheet
225Kb / 6P
EzFlex Thermo-Anemometer
SDL310 EXTECH-SDL310 Datasheet
216Kb / 1P
Vane Thermo-Anemometer/Datalogger
45158 EXTECH-45158 Datasheet
216Kb / 1P
Mini Thermo-Anemometer Series
logo
Testo SE & Co. KGaA
TESTO410 TESTO-TESTO410 Datasheet
248Kb / 2P
Vane anemometer
TESTO425 TESTO-TESTO425 Datasheet
334Kb / 2P
Thermal anemometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com