Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

05200076 Datasheet(PDF) 2 Page - Testo SE & Co. KGaA

Part # 05200076
Description  Wood/material moisture measuring instrument
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200076 Datasheet(HTML) 2 Page - Testo SE & Co. KGaA

  05200076 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200076 Datasheet HTML 2Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
testo 606
www.testo.com
We measure it.
Technical data / Accessories
testo 606-1
testo 606-2
testo 606-1 moisture meter incl. protection cap,
batteries, belt holder and calibration protocol
testo 606-2 wood and material humidity meter
with integrated humidity measurement and NTC
air thermometer incl. protection cap, batteries,
belt holder and calibration protocol
Part no. 0560 6060
Part no. 0560 6062
General technical data
Operating temperature
-10 to +50 °C
Storage temperature
-40 to +70 °C
Dimensions
119 x 46 x 25 mm (incl. protective cap)
Battery type
2 AAA micro batteries
Measuring rate
1 s
Weight
90 g (protective cap and batteries included)
Protection class
IP20
Accessories for measuring instrument
Part no.
0192 5358
For testo 606-1: Spare electrodes (1 pair)
0192 5348
0516 4007
0520 0076
0520 0171
0520 0406
For testo 606-2: Spare electrodes (1 pair)
Belt holder
For testo 606-2: ISO calibration certificate humidity, calibration points 11.3 %RH and 75.3 %RH at +25 °C/+77 °F; per
channel/instrument
For testo 606-2: ISO calibration certificate/temperature; temp. data logger; calibration points -8°C; 0°C; +40°C per
channel/instrument
ISO calibration certificate wood moisture
Technical data testo 606-1/-2
Technical data testo 606-2
Sensor types
Material moisture (based on
conductivity)
Measuring range
8.8 to 54.8 % by weight
beech, spruce, larch, birch, cherry, walnut
7.0 to 47.9 % by weight
oak, pine, maple, ash-tree, douglas fir,
meranti
0.9 to 22.1 % by weight
cement screed, concrete
0.0 to 11.0 % by weight
anhydrite screed
0.7 to 8.6 % by weight
cement mortar
0.6 to 9.9 % by weight
lime mortar, plaster
0.1 to 16.5 % by weight
bricks
Accuracy
±1 digit
Resolution
0.1
NTC
-10 to +50 °C
±0.5 °C
0.1 °C
Testo humid. sensor,
cap.
0 to 100 %RH
±2.5 %RH (5 to 95
%RH)
0.1 %RH
Battery life
200 h (average, without display illumination)
Sensor types
Measuring range
Accuracy
±1 digit
Resolution
Battery life
130 h (average, without display illumination)
±1 %
Testo Inc.
40 White Lake Rd.
Sparta, NJ 07871
800-227-0729
Email: info@testo.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com