Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSC6301CE1BA-T Datasheet(PDF) 4 Page - Microchip Technology

Part # DSC6301CE1BA-T
Description  Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6301CE1BA-T Datasheet(HTML) 4 Page - Microchip Technology

  DSC6301CE1BA-T Datasheet HTML 1Page - Microchip Technology DSC6301CE1BA-T Datasheet HTML 2Page - Microchip Technology DSC6301CE1BA-T Datasheet HTML 3Page - Microchip Technology DSC6301CE1BA-T Datasheet HTML 4Page - Microchip Technology DSC6301CE1BA-T Datasheet HTML 5Page - Microchip Technology DSC6301CE1BA-T Datasheet HTML 6Page - Microchip Technology DSC6301CE1BA-T Datasheet HTML 7Page - Microchip Technology DSC6301CE1BA-T Datasheet HTML 8Page - Microchip Technology DSC6301CE1BA-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
DSC63XX
DS20005808A-page 4
 2017 Microchip Technology Inc.
Output Transition Time
Rise Time/Fall Time
tRX/tFX
—1
1.5
ns
DSC63x2
High Drive,
20% to 80%
CL = 15 pF
VDD = 1.8V
—0.5
1.0
ns
VDD = 2.5V/3.3V
tRY/tFY
—1.2
2.0
ns
DSC63x1
Std Drive,
20% to 80%
CL = 10 pF
VDD = 1.8V
—1
1.6
ns
VDD = 2.5V/3.3V
Frequency
f0
1—
100
MHz
—
Output Duty Cycle
SYM
45
—
55
%
—
Period Jitter, RMS
JPER
—14
—
psRMS
FOUT =
27 MHz
VDD = 1.8V
—11
—
VDD = 2.5V/3.3V
Cycle-to-Cycle Jitter
(peak)
JCy–Cy
—75
—
ps
FOUT =
27 MHz
VDD = 1.8V
—53
—
VDD = 2.5V/3.3V
Spread Spectrum
Modulation Frequency
fSS
—33
—
kHz
—
Spread Spectrum
Modulation and Type
—
—
±0.25
—
%
Center Spread
—±0.5
—
—±1
—
—±1.5
—
—±2
—
—±2.5
—
—
–0.25
—
%
Down Spread
—–0.5
—
—–1
—
—–1.5
—
—–2
—
—–3
—
DSC63XX ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VDD = 1.8V –5% to 3.3V +10%, TA = –40°C to 85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Pin 4 VDD should be filtered with 0.1 µf capacitor.
2: Not including current through pull-up resistor on EN pin (if configured). Higher standby current seen at
>3.3V VDD.
3: Includes frequency variations due to initial tolerance, temperature, and power supply voltage.
4: Input waveform must be monotonic with rise/fall time < 10 ms
5: Output Disable time takes up to one period of the output waveform + 200 ns.
6: For parts configured with OE, not Standby.
7: Output is enabled if pad is floated or not connected.
8: Time to reach 90% of target VDD. Power ramp rise must be monotonic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com