Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSC1101DM2-T Datasheet(PDF) 27 Page - Microchip Technology

Part # DSC1101DM2-T
Description  Low-Jitter Precision CMOS Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1101DM2-T Datasheet(HTML) 27 Page - Microchip Technology

Back Button DSC1101DM2-T Datasheet HTML 22Page - Microchip Technology DSC1101DM2-T Datasheet HTML 23Page - Microchip Technology DSC1101DM2-T Datasheet HTML 24Page - Microchip Technology DSC1101DM2-T Datasheet HTML 25Page - Microchip Technology DSC1101DM2-T Datasheet HTML 26Page - Microchip Technology DSC1101DM2-T Datasheet HTML 27Page - Microchip Technology DSC1101DM2-T Datasheet HTML 28Page - Microchip Technology DSC1101DM2-T Datasheet HTML 29Page - Microchip Technology DSC1101DM2-T Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2017 Microchip Technology Inc.
DS20005613B-page 27
DSC1101/21
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
DSC1101AM1-010.0000T:
Low-Power
Precision
CMOS
Oscillator
with
Standby,
6-LD
7.0X5.0
VDFN, Automotive Tem-
perature Range, ±50 ppm,
10 MHz
Output
Fre-
quency, 1,000/Reel
b)
DSC1101BL2-030.0000:
Low-Power
Precision
CMOS
Oscillator
with
Standby, 6-LD
5.0X3.2
CDFN, Extended Indus-
trial Temperature Range,
±25 ppm,
30 MHz Output
Frequency, 110/Tube
c)
DSC1101DE5-150.0000:
Low-Power
Precision
CMOS
Oscillator
with
Standby,
6-LD
2.5X2.0
VDFN, Extended Commer-
cial Temperature Range,
±10 ppm,
150 MHz Output
Frequency, 110/Tube
d)
DSC1101AI2-075.0000T:
Low-Power
Precision
CMOS
Oscillator
with
Standby,
6-LD
7.0X5.0
VDFN, Industrial Tempera-
ture
Range,
±25 ppm,
75 MHz
Output
Fre-
quency, 1,000/Reel
PART NO.
X
X
Packaging
Stability
Device
Device:
DSC1101:
Low-Power Precision CMOS Oscillator with
Standby
DSC1121:
Low-Power Precision CMOS Oscillator
Package:
A
=
6-Lead 7.0 mm x 5.0 mm VDFN
B
=
6-Lead 5.0 mm x 3.2 mm CDFN
C
=
6-Lead 3.2 mm x 2.5 mm VDFN
D
=
6-Lead 2.5 mm x 2.0 mm VDFN
N
=
6-Lead 7.0 mm x 5.0 mm CDFN (no center pad)
Temperature
Range:
E=
–20
C to +70C (Extended Commercial)
I=
–40
C to +85C (Industrial)
L=
–40
C to +105C (Extended Industrial)
M=
–55
C to +125C (Automotive)
Stability:
1
=
±50 ppm
2
=
±25 ppm
3=
±20 ppm
5
=
±10 ppm
Frequency:
xxx.xxxx
= 2.3 MHz to 170 MHz (user-defined)
Packing Option:
<blank>=
110/Tube
T
=
1,000/Reel
X
Package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
X
Temperature
Range
-XXX.XXXX
Frequency
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com