Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8811MU/2DA/1 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF8811MU/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811MU/2DA/1 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF8811MU/2DA/1 Datasheet HTML 39Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 40Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 41Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 42Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 43Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 44Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 45Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 46Page - NXP Semiconductors PCF8811MU/2DA/1 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
2004 May 17
43
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
Notes
1. The maximum possible VLCD voltage that may be generated is dependent on voltage, temperature and (display) load.
2. Valid for values of temperature, VPR and TC used at calibration.
3. During power-down all static currents are switched off.
4. Conditions are: VDD1 = 1.8 V, VDD2 = 2.7 V, VLCD = 8.05 V, voltage multiplier 4VDD2, inputs at VDD1 or VSS, interface
inactive, internal VLCD generation, VLCD output is loaded by 10 µA and Tamb =25 °C.
5. Normal mode.
6. TC7 can only be used when VDD2 =VDD3 = 2.4 V or higher.
17 AC CHARACTERISTICS
VDD1 = 1.7 V to 3.3 V; VSS =0V; VLCD = maximum 9.0 V; Tamb = −40 °C to +85 °C; note 1; unless otherwise specified.
Notes
1. All specified timings are based on 20 % and 80 % of VDD.
2. RES may be LOW before VDD goes HIGH.
TC6
VLCD temperature coefficient 6
−−1.25 × 10−3
/
°C
TC7
VLCD temperature coefficient 7 note 6
−−1.66 × 10−3
/
°C
Parallel interface; VDD1 = 1.8 V to 3.3 V
VIL
LOW-level input voltage
VSS
0.2VDD1 V
VIH
HIGH-level input voltage
0.8VDD1
VDD1
V
Serial interface; VDD1 = 1.7 V to 3.3 V
VIL
LOW-level input voltage
VSS
0.2VDD1 V
VIH
HIGH-level input voltage
0.8VDD1
VDD1
V
I2C-bus interface; VDD1 = 1.8 V to 3.3 V
IOL(SDA)
LOW-level output current at
pin SDA
VOL = 0.4 V; VDD1 >2V
−−
3mA
VOL = 0.2VDD1; VDD1 <2V
−−
2mA
VIL
LOW-level input voltage
VSS
0.3VDD1 V
VIH
HIGH-level input voltage
0.7VDD1
VDD1
V
Output levels for all interfaces
VOL
LOW-level output voltage
IOL = 0.5 mA
VSS
0.2VDD1 V
VOH
HIGH-level output voltage
IOH = −0.5 mA
0.8VDD1
VDD1
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fext
external clock frequency
200
kHz
fframe
frame frequency
Tamb =25 °C; VDD1 = 2.4 V
546066Hz
43
58
73
Hz
tVHRL
VDD to RES LOW
see Fig.43
0(2)
1
µs
tRW
RES LOW pulse width
see Fig.43
500
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com