Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TFP412 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TFP412
Description  RAPID RESPONSE Series LFII Residential Sprinklers 4.4 K-factor Horizontal Sidewall Wet Pipe Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFP412 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TFP412 Datasheet HTML 1Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 2Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 3Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 4Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 5Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RAPID RESPONSE Series LFII Residential Sprinklers
4.4 K-factor Horizontal Sidewall
Wet Pipe Systems
Page 1 of 6
DECEMBER 2018
TFP412
IMPORTANT
Refer to Technical Data Sheet
TFP2300 for warnings pertaining to
regulatory and health information.
Always refer to Technical Data
Sheet TFP700 for the “INSTALLER
WARNING” that provides cautions
with respect to handling and instal-
lation of sprinkler systems and com-
ponents. Improper handling and
installation can permanently damage
a sprinkler system or its compo-
nents and cause the sprinkler to fail
to operate in a fire situation or cause
it to operate prematurely.
Worldwide
Contacts www.tyco-fire.com
General
Description
The TYCO RAPID RESPONSE Series
LFII Residential Horizontal Sidewall
Sprinklers (TY2334) are decorative,
fast response, frangible bulb sprinklers
designed for use in residential occu-
pancies such as homes, apartments,
dormitories, and hotels. When aesthet-
ics and optimized flow characteristics
are the major consideration, the Series
LFII Residential Sprinklers (TY2334)
should be the first choice.
The Series LFII Residential Sprinklers
are intended for use in the following
scenarios:
• wet pipe residential sprinkler sys-
tems for one-and two-family dwell-
ings and mobile homes per NFPA
13D
• wet pipe residential sprinkler sys-
tems for residential occupancies up
to and including four stories in height
per NFPA 13R
• wet pipe sprinkler systems for the
residential portions of any occu-
pancy per NFPA 13
The recessed version of the Series
LFII Residential Sprinklers is intended
for use in areas with finished walls.
It employs a two-piece Style 20
Recessed Escutcheon. The Recessed
Escutcheon provides 1/4 in. (6,4 mm)
of recessed adjustment or up to 1/2 in.
(12,7 mm) of total adjustment from the
flush mounting surface position. The
adjustment provided by the Recessed
Escutcheon reduces the accuracy to
which the pipe nipples to the sprinklers
must be cut.
The Series LFII Residential Sprinklers
has been designed with heat sensitivity
and water distribution characteristics
proven to help in the control of residen-
tial fires and to improve the chance for
occupants to escape or be evacuated.
Corrosion-resistant coatings, where
applicable, are utilized to extend the life
of copper alloy sprinklers beyond that
which would otherwise be obtained
when exposed to corrosive atmo-
spheres. Although corrosion-resistant
coated sprinklers have passed the
standard corrosion tests of the appli-
cable Approval agencies, the testing is
not representative of all possible cor-
rosive atmospheres. Consequently,
it is recommended that the end user
be consulted with respect to the suit-
ability of these coatings for any given
corrosive environment. The effects of
ambient temperature, concentration of
chemicals, and gas/chemical velocity
should be considered, as a minimum,
along with the corrosive nature of the
chemical to which the sprinklers will be
exposed.
NOTICE
The Series LFII Residential Horizontal
Sidewall Sprinklers (TY2334) described
herein must be installed and main-
tained in compliance with this docu-
ment and with the applicable standards
of the NATIONAL FIRE PROTECTION
ASSOCIATION (NFPA), in addition to
the standards of any authorities having
jurisdiction. Failure to do so may impair
the performance of these devices.
The owner is responsible for main-
taining their fire protection system
and devices in proper operating con-
dition. Contact the installing contrac-
tor or product manufacturer with any
questions.
Sprinkler
Identification
Number (SIN)
TY2334


Similar Part No. - TFP412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP410 TI-TFP410 Datasheet
378Kb / 26P
TI PANEL BUS DIGITAL TRANSMITTER
TFP410 TI1-TFP410 Datasheet
3Mb / 42P
TFP410 TI PanelBus™ Digital Transmitter
REVISED DECEMBER 2014
TFP410-EP TI1-TFP410-EP Datasheet
878Kb / 31P
PanelBus??DIGITAL TRANSMITTER
TFP410-EP TI1-TFP410-EP Datasheet
885Kb / 31P
PanelBus DIGITAL TRANSMITTER
TFP410-EP TI1-TFP410-EP Datasheet
3Mb / 42P
TFP410 TI PanelBus™ Digital Transmitter
REVISED DECEMBER 2014
More results

Similar Description - TFP412

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
TSIC-106 ZMD-TSIC-106 Datasheet
462Kb / 2P
Rapid Response, Low-Cost Temperature Sensor IC
TSIC-206 ZMD-TSIC-206 Datasheet
461Kb / 2P
Precise, Rapid Response, Low-Cost Temperature Sensor IC
TSIC-506 ZMD-TSIC-506 Datasheet
455Kb / 2P
High Resolution, High Precision, Rapid Response Temperature Sensor IC
logo
Extech Instruments Corp...
TP200 EXTECH-TP200 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Advantech Co., Ltd.
POI-1501 ADVANTECH-POI-1501 Datasheet
354Kb / 2P
Residential Terminal
logo
Extech Instruments Corp...
TP200 EXTECH-TP200_15 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
TP400 EXTECH-TP400_15 Datasheet
155Kb / 1P
High Temperature Type K Pipe Clamp
logo
Amphenol Corporation
CTR-40 AMPHENOL-CTR-40 Datasheet
51Kb / 2P
Rapid response time with no oils or fluids
logo
List of Unclassifed Man...
5611AH ETC2-5611AH Datasheet
242Kb / 4P
Wet Pipe Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com