Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC3235MODAX Datasheet(PDF) 64 Page - Texas Instruments

Part # CC3235MODAX
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODAX Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC3235MODAX Datasheet HTML 60Page - Texas Instruments CC3235MODAX Datasheet HTML 61Page - Texas Instruments CC3235MODAX Datasheet HTML 62Page - Texas Instruments CC3235MODAX Datasheet HTML 63Page - Texas Instruments CC3235MODAX Datasheet HTML 64Page - Texas Instruments CC3235MODAX Datasheet HTML 65Page - Texas Instruments CC3235MODAX Datasheet HTML 66Page - Texas Instruments CC3235MODAX Datasheet HTML 67Page - Texas Instruments CC3235MODAX Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
64
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Detailed Description
Copyright © 2019, Texas Instruments Incorporated
6.3
Arm
® Cortex®-M4 Processor Core Subsystem
The high-performance Arm® Cortex®-M4 processor provides a low-cost platform that meets the needs of
minimal memory implementation, reduced pin count, and low power consumption, while delivering
outstanding computational performance and exceptional system response to interrupts.
•
The Cortex®-M4 core has low-latency interrupt processing with the following features:
–
A 32-bit Arm® Thumb® instruction set optimized for embedded applications
–
Handler and thread modes
–
Low-latency interrupt handling by automatic processor state saving and restoration during entry and
exit
–
Support for ARMv6 unaligned accesses
•
Nested vectored interrupt controller (NVIC) closely integrated with the processor core to achieve low-
latency interrupt processing. The NVIC includes the following features:
–
Bits of priority configurable from 3 to 8
–
Dynamic reprioritization of interrupts
–
Priority grouping that enables selection of preempting interrupt levels and nonpreempting interrupt
levels
–
Support for tail-chaining and late arrival of interrupts, which enables back-to-back interrupt
processing without the overhead of state saving and restoration between interrupts
–
Processor state automatically saved on interrupt entry and restored on interrupt exit with no
instruction overhead
–
Wake-up interrupt controller (WIC) providing ultra-low-power sleep mode support
•
Bus interfaces:
–
Advanced high-performance bus (AHB-Lite) interfaces: system bus interfaces
–
Bit-band support for memory and select peripheral that includes atomic bit-band write and read
operations
•
Low-cost debug solution featuring:
–
Debug access to all memory and registers in the system, including access to memory-mapped
devices, access to internal core registers when the core is halted, and access to debug control
registers even while SYSRESETn is asserted
–
Serial wire debug port (SW-DP) or serial wire JTAG debug port (SWJ-DP) debug access
–
Flash patch and breakpoint (FPB) unit to implement breakpoints and code patches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com