| Electronic Components Datasheet Search |
|
TCAL500-NF Datasheet(PDF) 3 Page - TEKTRONIX, INC. |
|
|
|||||||||||||||||||||||||||||
TCAL500-NF Datasheet(HTML) 3 Page - TEKTRONIX, INC. |
|
3 / 16 page ![]() Complete line of affordable accessories To simplify shopping for the complete VNA solution, Tektronix offers a range of accessories for high-accuracy measurements. Select from calibration kits (electronic and mechanical), phase-stable cables, adapters, attenuators, rackmount, rugged carry case, and a training kit. See Ordering Information for a full list of available accessories. Full 2-port 2-path S-parameter measurements An independent RF source and three RF receivers for each port of the TTR500 enable you to take high-accuracy magnitude and phase measurements with a 1-port or 2-port device under test (DUT). Use the TTR500 to perform complete S11, S12, S21, and S22 measurements of the DUT and display data in a variety of formats (see measurement functionality table). VectorVu-PC measurement functionality Sweep types Measured parameters Frequency (linear or log) Segmented Power S11, S12, S21, S22 Absolute receiver level Data display formats Channel/trace functions Logarithmic magnitude Linear magnitude Phase Expanded phase Group delay Smith chart Polar SWR Real/Imaginary Up to 16 channels Up to 16 traces/channel Up to 9 markers/trace + reference marker Memory math Averaging Smoothing Save/load state, calibration, and trace data Calibration Trigger Response (Reflection/Transmission) Enhanced response Full 1-port SOL Full 2-port SOLT User-defined calibration kit Electronic calibration Manual Internal External SCPI command Sweep modes Analysis tools Fast Normal Limit line test Ripple limit test Bandwidth test Time domain with gating Rapid measurement and analysis with VectorVu-PC VectorVu-PC (available as free download) features an industry-standard interface that minimizes the learning curve so you have more time to test your design. The software delivers a traditional look and feel to control and calibrate the instrument, while providing touchscreen compatibility for Windows PC, laptop, or tablet. For automated test systems, we include a SCPI programming interface that is compatible with common legacy VNAs. A LabView driver is also available for analysis and control. See the TTR500 programmer manual for more information. Vector Network Analyzers www.tek.com 3 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |