Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM32019CCW Datasheet(PDF) 13 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM32019CCW
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM32019CCW Datasheet(HTML) 13 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM32019CCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM32019CCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM32019CCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM32019CCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM32019CCW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM32019CCW Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM32019CCW Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM32019CCW Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LM32019CCW Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TOPWAY
TOPWAY
TOPWAY
TOPWAY
LCD Module User Manual
LM32019CCW
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM32019CCW-Manual-Rev0.3.DOC
Page: 13 of 14
Register
(HEX)
R/W
Reset
Value
Descriptions
F500
Read /
Write
Bit[7:4] =
1110
Bit[3:0] =
1110
CS0 Configuration Port – Pulse Width
Bit[7:4] : Write Cycle Pulse Width
0000: 1 memory clock (24 MHz -> 41.6ns)
0001: 2 memory clocks
…………………………………………….
1110:15 memory clocks
1111: Reserved
Bit[3:0] : Read Cycle Pulse Width
0000: 1 memory clock (24 MHz -> 41.6ns)
0001: 2 memory clocks
……………………………………………
1110:15 memory clocks
1111: Reserved
F501
Read /
Write
0000 0000
CS0 Configuration Port – Control
Bit[7] : Enable bit
0:Disable CS0
1:Enable CS0
Bit[6] : Memory data bus width
0: 8-bit memory data bus width
1: 16-bit memory data bus width
Bit[5] : 16-bit SRAM option
0:two 8-bit SRAMs
1:one 16-bit SRAM
Bit[4] : Reserved
Bit[3] : CS0 assertion time relative to address assertion.
0:CS0 and address assert at the same time
1:CS0 lags address by 1 memory clock.
Bit[2] : CS0 Negation Timing
0:CS0 and Address negate at the same time
1:CS0 leads Address by 1 memory clock in write access.
Bit[1] : Write Enable Assertion Time
0: Write Enable and Address Assert at the same time.
1: Write Enable lags Address by 1 memory clock.
Bit[0] : Write Enable Negation Time
0: Write Enable and Address negate at the same time.
1: Write Enable leads Address by 1 memory clock.
F504
Read /
Write
Bit[3:0] =
1110
CS1 Configuration Port – Pulse Width
Bit[7:4] : Reserved
Bit[3:0] : Read Cycle Pulse Width
0000: 1 memory clock (24 MHz -> 41.6ns)
0001: 2 memory clocks
0001: 3 memory clocks
………………………………………………
1101:14 memory clocks
1110:15 memory clocks
1111: Reserved
F505
Read /
Write
0000 0000
CS1 Configuration Port – Control
Bit[7] : Enable bit
0:Disable CS1
1:Enable CS1
Bit[6] : Memory data bus width
0: 8-bit memory data bus width
1: 16-bit memory data bus width
Bit[5] : Reserved
Bit[4] : Reserved
Bit[3] : CS1 assertion time relative to address assertion.
0:CS1 and Address assert at the same time
1:CS1 lags Address by 1 memory clock.
Bit[2] : CS1 Negation Timing
0:CS1 and Address negate at the same time
1:CS1 leads Address by 1 memory clock in write access.
Bit[1:0] : Reserved
F6C4
Read /
Write
Bit[5:0] =
11 0011
Set Memory Clock Divide
Bit[7:6] = Reserved
Bit[5:0] = 010000 to set 24MHz memory clock for proper operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com