Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P451SP Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM78P451SP
Description  8-Bit Microcontroller with OTP ROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P451SP Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM78P451SP Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P451SP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
EM78P451S
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 06.01.2004
• 1
(This specification is subject to change without further notice)
1
GENERAL DESCRIPTION
The EM78P451S is an 8-bit microprocessor designed and developed with low-power,
high speed CMOS technology. Its operational kernel is implemented with RISC-like
architecture and is available in the mask ROM version. The one time programmable
(OTP) version is flexible, both in mass production or engineering test stages. OTP
provide users with unlimited volume with favorable price opportunities. This device is
equipped with the Serial Peripheral Interface (SPI) function. The EM78P451S is very
suitable for wired communication. Only 58 easy-to-learn instructions are needed and
user’s program can be emulated with EMC In-Circuit Emulator (ICE).
2
FEATURES
Operating voltage range: 2.3V~5.5V.
Operating temperature range: 0
°C~70°C.
Operating frequency range (base on 2 clocks ):
• Crystal mode: DC~20MHz at 5V, DC~8MHz at 3V, DC~4MHz at 2.3V.
• RC mode: DC~4MHz at 5V, DC~4MHz at 3V, DC~4MHz at 2.3V.
Low power consumption:
• Less then 3 mA at 5V/4MHz
• Typically 10 µA during sleep mode
Serial Peripheral Interface (SPI) available.
4K
× 13 bits on chip ROM (EM78P451S).
11 special function registers.
140
× 8 bits on chip general-purposed registers.
5 bi-directional I/O ports (35 I/O pins).
3 LED direct sinking pins with internal serial resistors.
Built-in RC oscillator with external serial resistor, ±10% variation.
Built-in power-on reset.
5 stacks for subroutine nesting.
8-bit real time clock/counter (TCC) with overflow interrupt.
Two machine clocks or four machine clocks per instruction cycle.
Power down mode.
Programmable wake up from sleep circuit on I/O ports.
Programmable free running on-chip watchdog timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com