Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGF7NC60HD Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGF7NC60HD
Description  N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF7NC60HD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGF7NC60HD Datasheet HTML 7Page - STMicroelectronics STGF7NC60HD Datasheet HTML 8Page - STMicroelectronics STGF7NC60HD Datasheet HTML 9Page - STMicroelectronics STGF7NC60HD Datasheet HTML 10Page - STMicroelectronics STGF7NC60HD Datasheet HTML 11Page - STMicroelectronics STGF7NC60HD Datasheet HTML 12Page - STMicroelectronics STGF7NC60HD Datasheet HTML 13Page - STMicroelectronics STGF7NC60HD Datasheet HTML 14Page - STMicroelectronics STGF7NC60HD Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
STGP7NC60HD - STGF7NC60HD - STGB7NC60HD
14/15
Table 11: Revision History
9
Date
Revision
Description of Changes
07-Jun-2004
4
Stylesheet update. No content change
19-Aug-2004
5
Complete Version
17-Sep-2004
6
Figure 18 has been added
09-Nov-2004
7
Final datasheet
19-Jan-2005
8
Datasheet updated
09-Jun-2005
9
Modified title



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com