Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A23L8316M Datasheet(PDF) 12 Page - AMIC Technology

Part # A23L8316M
Description  256K X 16 / 512K X 8 BIT CMOS MASK ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L8316M Datasheet(HTML) 12 Page - AMIC Technology

Back Button A23L8316M Datasheet HTML 4Page - AMIC Technology A23L8316M Datasheet HTML 5Page - AMIC Technology A23L8316M Datasheet HTML 6Page - AMIC Technology A23L8316M Datasheet HTML 7Page - AMIC Technology A23L8316M Datasheet HTML 8Page - AMIC Technology A23L8316M Datasheet HTML 9Page - AMIC Technology A23L8316M Datasheet HTML 10Page - AMIC Technology A23L8316M Datasheet HTML 11Page - AMIC Technology A23L8316M Datasheet HTML 12Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
A23L8316/A23L83161 Series
PRELIMINARY
(July, 2004, Version 0.0)
11
AMIC Technology, Corp.
Package Information
TSOP 48L (Type I) Outline Dimensions
unit: inches/mm
1
D
L
θ
Detail "A"
24
25
48
D1
Detail "A"
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.047
-
-
1.20
A1
0.002
-
0.006
0.05
-
0.15
A2
0.037
0.039
0.042
0.94
1.00
1.06
b
0.007
0.009
0.011
0.18
0.22
0.27
c
0.004
-
0.008
0.12
-
0.20
D
0.779
0.787
0.795
19.80
20.00
20.20
D1
0.720
0.724
0.728
18.30
18.40
18.50
E
-
0.472
0.476
-
12.00
12.10
e
0.020 BASIC
0.50 BASIC
L
0.016
0.020
0.024
0.40
0.50
0.60
S
0.011 Typ.
0.28 Typ.
y
-
-
0.004
-
-
0.10
θ
0°
-
8°
0°
-
8°
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E does not include resin fins.
3. Dimension S includes end flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com