Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A43L0632 Datasheet(PDF) 21 Page - AMIC Technology

Part # A43L0632
Description  512K X 32 Bit X 2 Banks Synchronous DRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L0632 Datasheet(HTML) 21 Page - AMIC Technology

Back Button A43L0632 Datasheet HTML 17Page - AMIC Technology A43L0632 Datasheet HTML 18Page - AMIC Technology A43L0632 Datasheet HTML 19Page - AMIC Technology A43L0632 Datasheet HTML 20Page - AMIC Technology A43L0632 Datasheet HTML 21Page - AMIC Technology A43L0632 Datasheet HTML 22Page - AMIC Technology A43L0632 Datasheet HTML 23Page - AMIC Technology A43L0632 Datasheet HTML 24Page - AMIC Technology A43L0632 Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
A43L0632
PRELIMINARY
(August, 2005, Version 0.0)
20
AMIC Technology, Corp.
12. About Burst Type Control
Sequential counting
At MRS A3=”0”. See the BURST SEQUENCE TABE.(BL=4,8)
BL=1,2,4,8 and full page wrap around.
Basic
MODE
Interleave counting
At MRS A3=” 1”. See the BURST SEQUENCE TABE.(BL=4,8)
BL=4,8 At BL=1,2 Interleave Counting = Sequential Counting
Random
MODE
Random column Access
tCCD = 1 CLK
Every cycle Read/Write Command with random column address can realize
Random Column Access.
That is similar to Extended Data Out (EDO) Operation of convention DRAM.
13. About Burst Length Control
1
At MRS A2,1,0 = “000”.
At auto precharge, tRAS should not be violated.
2
At MRS A2,1,0 = “001”.
At auto precharge, tRAS should not be violated.
4
At MRS A2,1,0 = “010”
Basic
MODE
8
At MRS A2,1,0 = “011”.
Special
MODE
BRSW
At MRS A9=”1”.
Read burst = 1,2,4,8, full page/write Burst =1
At auto precharge of write, tRAS should not be violated.
RAS Interrupt
(Interrupted by Precharge)
Before the end of burst, Row precharge command of the same bank
Stops read/write burst with Row precharge.
tRDL= 2 with DQM, valid DQ after burst stop is 1,2 for CL=2,3 respectively
During read/write burst with auto precharge, RAS interrupt cannot be issued.
Interrupt
MODE
CAS Interrupt
Before the end of burst, new read/write stops read/write burst and starts new
read/write burst or block write.
During read/write burst with auto precharge, CAS interrupt can not be issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com