Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMJ2-PCB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HMJ2-PCB
Description  High Dynamic Range FET Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMJ2-PCB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HMJ2-PCB Datasheet HTML 1Page - List of Unclassifed Manufacturers HMJ2-PCB Datasheet HTML 2Page - List of Unclassifed Manufacturers HMJ2-PCB Datasheet HTML 3Page - List of Unclassifed Manufacturers HMJ2-PCB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-433-5649 • e-mail: sales@wj.com • Web site: www.wj.com
September 2000
HMJ2
Product Description
The HMJ2 is a high dynamic range, GaAs FET
mixer. This active FET mixer realizes a typical
third order intercept point of +37 dBm at an
LO drive level of +17 dBm. The HMJ2 comes
in a low cost, J-lead package. Typical applica-
tions include frequency up/down conversion,
modulation and demodulation for receivers and
transmitters used in PCS systems.
Product Features
• +37 dBm IIP3
• No External Matching Elements
Required
• RF 1850-1990 MHz
• LO 1700-1940 MHz
• IF 50-150 MHz
• +17 dBm Drive Level
• +3V Bias (25 mA)
• Low Cost Surface Mount J-Lead
Package
Functional Diagram
18 17 16 15 14 13 12 11 10
123456
789
Function Pin No.
Ground
1
IF
2
Ground
3-7
+3V DC
8
Ground
9
Function Pin No.
Ground
10
LO
11
Ground
12-16
RF
17
Ground
18
High Dynamic Range FET Mixer
Absolute Maximum Ratings
Parameter
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-65 to +100°C
Maximum Input Power
25 dBm
1. Operation of this device above any of these parameters may cause permanent damage.
2. Total sum of LO port and RF port power should not exceed 25 dBm.
Ordering Information
Part No.
Description
HMJ2
High Dynamic Range FET Mixer
(Available in tape and reel)
HMJ2-PCB
Fully Assembled Application Circuit
Specifications
Parameter
Units
Minimum
Typical
Maximum
Condition
Frequency Range:
RF
MHz
1850
1990
LO
MHz
1700
1940
IF
MHz
50
150
SSB Conversion Loss
dB
9.0
10.3
Noise Figure
dB
10.5
Isolation:
LO-RF
dB
17
32
LO-IF
dB
22
29
RF-IF
dB
15
IIP3
dBm
32
37
RF = 1900 MHz (0dBm)
Return Loss:
RF Port
dB
12
LO Port
dB
10
IF Port
dB
14
Input P1dB
dBm
23
LO Drive Level
dBm
17
DC Current at +3V Bias
mA
25
35
Test conditions unless otherwise stated: RF = 1900 MHz (-10 dBm), LO = 1800 MHz (17 dBm), IF = 100 MHz and 25˚C.
The Communications Edge™


Similar Part No. - HMJ2-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
HMJ2-PCB WJCI-HMJ2-PCB Datasheet
56Kb / 4P
High Dynamic Range FET Mixer
More results

Similar Description - HMJ2-PCB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMJ1 ETC1-HMJ1 Datasheet
222Kb / 3P
High Dynamic Range FET Mixer
HMJ4 ETC1-HMJ4 Datasheet
56Kb / 4P
High Dynamic Range FET Mixer
logo
WJ Communication. Inc.
HMJ8 WJCI-HMJ8 Datasheet
54Kb / 4P
High Dynamic Range FET Mixer
HMJ7-1 WJCI-HMJ7-1 Datasheet
263Kb / 3P
High Dynamic Range FET Mixer
HMJ7 WJCI-HMJ7 Datasheet
262Kb / 3P
High Dynamic Range FET Mixer
HMJ5 WJCI-HMJ5 Datasheet
416Kb / 3P
High Dynamic Range FET Mixer
HMJ1 WJCI-HMJ1 Datasheet
225Kb / 3P
High Dynamic Range FET Mixer
HMJ2 WJCI-HMJ2 Datasheet
56Kb / 4P
High Dynamic Range FET Mixer
HMJ4 WJCI-HMJ4 Datasheet
56Kb / 4P
High Dynamic Range FET Mixer
HMJ8 WJCI-HMJ8_07 Datasheet
439Kb / 3P
High Dynamic Range FET Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com