Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C005YK8R2ABTTR500 Datasheet(PDF) 2 Page - AVX Corporation

Part # C005YK8R2ABTTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C005YK8R2ABTTR500 Datasheet(HTML) 2 Page - AVX Corporation

  C005YK8R2ABTTR500 Datasheet HTML 1Page - AVX Corporation C005YK8R2ABTTR500 Datasheet HTML 2Page - AVX Corporation C005YK8R2ABTTR500 Datasheet HTML 3Page - AVX Corporation C005YK8R2ABTTR500 Datasheet HTML 4Page - AVX Corporation C005YK8R2ABTTR500 Datasheet HTML 5Page - AVX Corporation C005YK8R2ABTTR500 Datasheet HTML 6Page - AVX Corporation C005YK8R2ABTTR500 Datasheet HTML 7Page - AVX Corporation C005YK8R2ABTTR500 Datasheet HTML 8Page - AVX Corporation C005YK8R2ABTTR500 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Accu-P
®
Thin-Film Chip Capacitors
ACCU-P
® TECHNOLOGY
The use of very low-loss dielectric materials, silicon dioxide and
silicon oxynitride, in conjunction with highly conductive elec-
trode metals results in low ESR and high Q. These
high-frequency characteristics change at a slower rate with
increasing frequency than for ceramic microwave capacitors.
Because of the thin-film technology, the above-mentioned
frequency characteristics are obtained without significant
compromise of properties required for surface mounting.
The main Accu-P
® properties are:
• Internationally agreed sizes with excellent dimensional
control.
• Ultra small size chip capacitors (01005) are available.
• Ultra tight capacitance tolerances.
• Low ESR at VHF, UHF and microwave frequencies.
• Enhanced RF power handling capablity.
• High stability with respect to time, temperature, frequency
and voltage variation.
• Nickel/solder-coated terminations to provide excellent sol-
derability and leach resistance.
ACCU-P
® FEATURES
Accu-P
®
meets the fast-growing demand for low-loss
(high-Q) capacitors for use in surface mount technology espe-
cially for the mobile communications market, such as cellular
radio of 450 and 900 MHz, UHF walkie-talkies, UHF cordless
telephones to 2.3 GHz, low noise blocks at 11-12.5 GHz and
for other VHF, UHF and microwave applications.
Accu-P
®
is currently unique in its ability to offer very
low capacitance values (0.05pF) and very tight capacitance
tolerances (±0.01pF).
• The RF power handling capability of the Accu-P
® allows
for its usage in both small signal and RF power applica-
tions.
• Thin Film Technology guarantees minimal batch to batch
variability of parameters at high frequency.
• Inspection test and quality control procedures in accor-
dance with ISO 9001, CECC, IECQ and USA MIL
Standards yield products of the highest quality.
• Hand soldering Accu-P
®: Due to their construction utilizing
relatively high thermal conductivity materials, Accu-P’s
have become the preferred device in R & D labs and pro-
duction environments where hand soldering is used.
APPLICATIONS
Cellular Communications
CT2/PCN (Cordless
Telephone/Personal Comm.
Networks)
Satellite TV
Cable TV
GPS (Global Positioning Systems)
Vehicle Location Systems
Vehicle Alarm Systems
Paging
Military Communications
Radar Systems
Video Switching
Test & Measurements
Filters
VCO's
Matching Networks
RF Amplifiers
APPROVALS
ISO 9001
7
050118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com