Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC47M14X-NC Datasheet(PDF) 13 Page - SMSC Corporation

Part # LPC47M14X-NC
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X-NC Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LPC47M14X-NC Datasheet HTML 9Page - SMSC Corporation LPC47M14X-NC Datasheet HTML 10Page - SMSC Corporation LPC47M14X-NC Datasheet HTML 11Page - SMSC Corporation LPC47M14X-NC Datasheet HTML 12Page - SMSC Corporation LPC47M14X-NC Datasheet HTML 13Page - SMSC Corporation LPC47M14X-NC Datasheet HTML 14Page - SMSC Corporation LPC47M14X-NC Datasheet HTML 15Page - SMSC Corporation LPC47M14X-NC Datasheet HTML 16Page - SMSC Corporation LPC47M14X-NC Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 205 page
background image
SMSC DS – LPC47M14X
Page 13
Rev. 03/19/2001
QFP
PIN #
NAME
TOTAL
SYMBOL
BUFFER
TYPE
BUFFER TYPE
PER FUNCTION
(NOTE 1)
NOTES
GENERAL PURPOSE I/O (19)
32
General
Purpose
I/O
/Joystick 1 Button 1
1
GP10 /J1B1
IS/O8
(IS/O8/OD8)/IS
33
General
Purpose
I/O
/Joystick 1 Button 2
1
GP11 /J1B2
IS/O8
(IS/O8/OD8)/IS
34
General
Purpose
I/O
/Joystick 2 Button 1
1
GP12 /J2B1
IS/O8
(IS/O8/OD8)/IS
35
General
Purpose
I/O
/Joystick 2 Button 2
1
GP13 /J2B2
IS/O8
(IS/O8/OD8)/IS
36
General
Purpose
I/O
/Joystick 1 X-Axis
1
GP14 /J1X
IO12
(I/O12/OD12)/ IO12
37
General
Purpose
I/O
/Joystick 1 Y-Axis
1
GP15 /J1Y
IO12
(I/O12/OD12)/ IO12
38
General
Purpose
I/O
/Joystick 2 X-Axis
1
GP16 /J2X
IO12
(I/O12/OD12)/ IO12
39
General
Purpose
I/O
/Joystick 2 Y-Axis
1
GP17 /J2Y
IO12
(I/O12/OD12)/ IO12
41
General Purpose I/O / P17
1
GP20 /P17
IO8
(I/O8/OD8)/IO8
42
General Purpose I/O / P16
/nDS1
1
GP21
/P16/
nDS1
IO12
(I/O12/OD12)/
IO12/(O12/OD12)
43
General Purpose I/O / P12
/nMTR1
1
GP22
/P12/
nMTR1
IO12
(I/O12/OD12)/
IO12/(O12/OD12)
45
General Purpose I/O /
System Option
1
GP24
/SYSOPT
IO8
(I/O8/OD8)
8
46
General
Purpose
I/O
/MIDI_IN
1
GP25
/MIDI_IN
IO8
(I/O8/OD8)/I
47
General
Purpose
I/O
/MIDI_OUT
1
GP26
/MIDI_OUT
IO12
(I/O12/OD12)/O12
50
General Purpose I/O
/SMI Output
1
GP27
/nIO_SMI
IO12
(I/O12/OD12)/ OD12
48
General Purpose I/O /
LED
1
GP60 /LED1
IO12
(I/O12/OD12)/O12
10
49
General Purpose I/O /
LED
1
GP61 /LED2
IO12
(I/O12/OD12)/O12
10
17
General Purpose I/O /
Power Management Event
1
GP42
/nIO_PME
IO12
(I/O12/OD12)/ OD12
28
General Purpose I/O
/Device
Disable
Reg.
Control
1
GP43/DDRC
IO8
(I/O8/OD8)/I
Note:
The "n" as the first letter of a signal name or the “#” as the suffix of a signal name indicates an "Active Low"
signal.
Note 1: Buffer types per function on multiplexed pins are separated by a slash “/”. Buffer types in parenthesis
represent multiple buffer types for a single pin function.
Note 2: The LPCPD# pin may be tied high. The LPC interface will function properly if the PCI_RESET# signal
follows the protocol defined for the LRESET# signal in the “Low Pin Count Interface Specification”.
Note 3: For USB Hub functionality, the 32 KHz input clock must always be connected. There is a bit in the
configuration register at 0xF0 in Logical Device A that indicates whether or not the 32KHz clock is
connected. This bit determines the clock source for the fan tachometer, LED and “wake on specific key”
logic. This bit must always be set to ‘0’ (‘0’=32 KHz clock connected; reset default=‘0’).
Note 4: The fan control pins (FAN1 and FAN2) come up as outputs and low following a VCC POR and Hard Reset.
These pins revert to their non-inverting GPIO input function when VCC is removed from the part.
Note 5: The IRTX pins (IRTX2/GP35 and GP53/TXD2 (IRTX)) are driven low when the part is powered by VTR
(VCC=0V with VTR=3.3V). These pins will remain low following a power-up (VCC POR) until serial port 2
is enabled by setting the activate bit, at which time the pin will reflect the state of the transmit output of the
Serial Port 2 block.
Note 6: The VCC power-up default for this pin is Logic “0” if the IRTX function is programmed on the GPIO.
Note 7: VTR must not be connected to VCC. The 32 KHz input clock must not be driven high whenVTR = 0v.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com