Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0603YC104F4T4A Datasheet(PDF) 2 Page - AVX Corporation

Part # 0603YC104F4T4A
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0603YC104F4T4A Datasheet(HTML) 2 Page - AVX Corporation

  0603YC104F4T4A Datasheet HTML 1Page - AVX Corporation 0603YC104F4T4A Datasheet HTML 2Page - AVX Corporation 0603YC104F4T4A Datasheet HTML 3Page - AVX Corporation 0603YC104F4T4A Datasheet HTML 4Page - AVX Corporation 0603YC104F4T4A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
54
Automotive MLCC
NP0/X7R Dielectric
FLEXITERM FEATURES
a) Bend Test
The capacitor is soldered to the PC Board as shown:
a) Temperature Cycle testing
FLEXITERM® has the ability to withstand at least 1000 cycles
between -55°C and +125°C
Typical bend test results are shown below:
Style
Conventional
Soft Term
0603
>2mm
>5
0805
>2mm
>5
1206
>2mm
>5
080818



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com