Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C0053K4R7ABSTR500 Datasheet(PDF) 13 Page - AVX Corporation

Part # C0053K4R7ABSTR500
Description  Thin-Film Technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C0053K4R7ABSTR500 Datasheet(HTML) 13 Page - AVX Corporation

Back Button C0053K4R7ABSTR500 Datasheet HTML 9Page - AVX Corporation C0053K4R7ABSTR500 Datasheet HTML 10Page - AVX Corporation C0053K4R7ABSTR500 Datasheet HTML 11Page - AVX Corporation C0053K4R7ABSTR500 Datasheet HTML 12Page - AVX Corporation C0053K4R7ABSTR500 Datasheet HTML 13Page - AVX Corporation C0053K4R7ABSTR500 Datasheet HTML 14Page - AVX Corporation C0053K4R7ABSTR500 Datasheet HTML 15Page - AVX Corporation C0053K4R7ABSTR500 Datasheet HTML 16Page - AVX Corporation C0053K4R7ABSTR500 Datasheet HTML 17Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Accu-P
®
1210 Typical Electrical Tables
Capacitance
Self
Q Standard Value
Frequency
Frequency
Frequency
@ 1MHz
Resonance
@ 1GHz
900MHz
1900MHz
2400MHz
and Tolerance
Frequency
C (pF)
Tol.
(GHz)
Typ.
Min.
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
0.1
±0.02
15.6
1190
654
0.136
1176
3633
0.136
606
2149
0.136
450
2068
0.15
±0.03
12.7
1179
648
0.190
1166
2129
0.190
597
1407
0.191
444
1370
0.2
±0.02
11.0
1168
642
0.244
1156
1457
0.244
589
1042
0.246
438
1023
0.25
±0.02
9.8
1156
636
0.297
1145
1086
0.299
581
826
0.301
432
816
0.3
±0.02
8.9
1145
630
0.351
1135
854
0.353
573
683
0.356
426
678
0.35
±0.02
8.3
1134
624
0.405
1125
697
0.408
565
581
0.411
421
580
0.4
±0.02
7.7
1123
618
0.459
1115
584
0.462
557
505
0.466
415
506
0.45
±0.02
7.3
1112
612
0.513
1105
500
0.516
549
447
0.521
409
449
0.5
±0.02
6.9
1101
606
0.567
1095
435
0.571
541
400
0.576
403
404
0.55
±0.02
6.6
1090
599
0.617
1084
384
0.621
532
362
0.627
397
366
0.6
±0.02
6.3
1079
593
0.666
1074
342
0.672
524
331
0.679
391
335
0.65
±0.02
6.0
1068
587
0.716
1064
308
0.723
516
304
0.731
385
309
0.7
±0.02
5.8
1057
581
0.765
1054
279
0.774
508
282
0.783
379
287
0.75
±0.02
5.6
1046
575
0.815
1044
255
0.824
500
262
0.834
374
267
0.8
±0.02
5.4
1035
569
0.864
1034
234
0.875
492
245
0.886
368
250
0.85
±0.02
5.3
1023
563
0.914
1024
216
0.926
484
230
0.938
362
236
0.9
±0.02
5.1
1012
557
0.963
1013
201
0.976
476
217
0.989
356
222
0.95
±0.02
5.0
1001
551
1.013
1003
187
1.027
467
205
1.041
350
210
1
±0.02
5.0
992
546
1.062
983
167
1.078
459
170
1.093
344
177
1.05
±0.02
4.9
981
539
1.107
975
163
1.124
451
167
1.141
338
174
1.1
±0.02
4.8
969
533
1.152
966
158
1.170
443
165
1.189
331
172
1.15
±0.02
4.7
958
527
1.196
958
154
1.217
435
162
1.236
325
169
1.2
±0.02
4.6
946
521
1.241
950
150
1.263
427
160
1.284
318
167
1.25
±0.02
4.5
935
514
1.285
942
146
1.309
419
157
1.332
312
164
1.3
±0.02
4.4
923
508
1.330
933
142
1.355
410
155
1.380
305
162
1.35
±0.02
4.3
912
502
1.375
925
138
1.402
402
152
1.428
299
159
1.4
±0.02
4.2
900
495
1.419
917
134
1.448
394
150
1.476
293
156
1.45
±0.02
4.1
889
489
1.464
908
129
1.494
386
147
1.524
286
154
1.5
±0.02
4.1
877
483
1.508
900
125
1.541
378
144
1.572
280
151
1.55
±0.02
4.0
862
474
1.567
890
123
1.618
371
143
1.638
274
150
1.6
±0.02
3.9
846
465
1.626
881
122
1.694
363
142
1.704
268
149
1.65
±0.02
3.9
831
457
1.685
871
120
1.771
356
140
1.770
262
148
1.7
±0.02
3.8
815
448
1.743
862
118
1.848
349
139
1.836
256
147
1.75
±0.02
3.7
800
440
1.802
852
116
1.925
342
138
1.902
250
145
1.8
±0.02
3.7
784
431
1.861
843
114
2.002
334
136
1.968
244
144
1.85
±0.02
3.6
769
423
1.920
833
112
2.079
327
135
2.034
239
143
1.9
±0.02
3.5
753
414
1.978
824
110
2.156
320
134
2.100
233
142
1.95
±0.02
3.4
737
406
2.037
814
108
2.233
313
132
2.167
227
141
2
±0.03
3.3
722
397
2.096
805
107
2.310
305
131
2.233
221
139
2.1
±0.03
3.2
691
380
2.213
786
103
2.464
291
128
2.365
209
137
2.2
±0.03
3.0
660
363
2.331
767
99
2.618
276
126
2.497
198
135
2.3
±0.03
2.9
644
354
2.420
747
97
2.681
268
123
2.613
191
132
2.4
±0.03
2.9
629
346
2.508
728
96
2.744
259
121
2.729
185
130
2.5
±0.03
2.8
614
338
2.597
709
94
2.807
251
118
2.845
179
128
2.6
±0.03
2.8
598
329
2.686
689
93
2.870
242
116
2.961
173
126
2.7
±0.03
2.7
583
321
2.775
670
91
2.933
234
114
3.077
167
123
2.8
±0.03
2.7
574
316
2.875
659
90
3.047
230
113
3.205
164
122
2.9
±0.03
2.7
566
311
2.975
647
89
3.162
227
112
3.334
161
121
3
±0.03
2.7
557
306
3.075
636
88
3.276
223
111
3.462
157
121
3.1
±0.05
2.7
548
302
3.174
625
87
3.390
220
110
3.590
154
120
3.2
±0.05
2.6
540
297
3.274
613
87
3.504
216
109
3.718
151
119
3.3
±0.05
2.6
531
292
3.374
602
86
3.619
213
108
3.847
148
118
3.4
±0.05
2.6
522
287
3.474
591
85
3.733
209
107
3.975
145
117
3.5
±0.05
2.6
514
283
3.574
579
84
3.847
206
106
4.103
141
116
3.6
±0.05
2.5
505
278
3.674
568
83
3.961
202
105
4.231
138
115
3.7
±0.05
2.5
496
273
3.773
556
82
4.076
198
104
4.359
135
114
3.8
±0.05
2.5
488
268
3.873
545
81
4.190
195
103
4.488
132
113
3.9
±0.05
2.4
479
264
3.973
534
80
4.304
191
102
4.616
129
112
18
050118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com