Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMM5364005CSW Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KMM5364005CSW
Description  4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5364005CSW Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KMM5364005CSW Datasheet HTML 2Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 3Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 4Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 5Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 6Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 7Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 8Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 9Page - Samsung semiconductor KMM5364005CSW Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DRAM MODULE
KMM5364005CSW/CSWG
CAPACITANCE (TA = 25
°C, VCC=5V, f = 1MHz)
Item
Symbol
Min
Max
Unit
Input capacitance[A0-A11]
Input capacitance[W]
Input capacitance[RAS0/RAS2]
Input capacitance[CAS0 - CAS3]
Input/Output capacitance[DQ0 - 35]
CIN1
CIN2
CIN3
CIN4
CDQ
-
-
-
-
-
25
31
31
24
17
pF
pF
pF
pF
pF
AC CHARACTERISTICS (0
°C≤TA≤70°C, Vcc=5.0V±10%. See notes 1,2.)
Test condition : Vih/Vil=2.6/0.8V, Voh/Vol=2.0/0.8V, output loading CL=100pF
Parameter
Symbol
-5
-6
Unit
Note
Min
Max
Min
Max
Random read or write cycle time
tRC
84
104
ns
Access time from RAS
tRAC
50
60
ns
3,4,10
Access time from CAS
tCAC
13
15
ns
3,4,5
Access time from column address
tAA
25
30
ns
3,10
CAS to output in Low-Z
tCLZ
3
3
ns
3
Output buffer turn-off delay from CAS
tCEZ
3
13
3
13
ns
6,12
Transition time(rise and fall)
tT
1
50
1
50
ns
2
RAS precharge time
tRP
30
40
ns
RAS pulse width
tRAS
50
10K
60
10K
ns
RAS hold time
tRSH
13
15
ns
CAS hold time
tCSH
38
45
ns
CAS pulse width
tCAS
8
10K
10
10K
ns
4
RAS to CAS delay time
tRCD
20
37
20
45
ns
9
RAS to column address delay time
tRAD
15
25
15
30
ns
CAS to RAS precharge time
tCRP
5
5
ns
Row address set-up time
tASR
0
0
ns
Row address hold time
tRAH
10
10
ns
Column address set-up time
tASC
0
0
ns
Column address hold time
tCAH
8
10
ns
Column address to RAS lead time
tRAL
25
30
ns
Read command set-up time
tRCS
0
0
ns
Read command hold referenced to CAS
tRCH
0
0
ns
8
Read command hold referenced to RAS
tRRH
0
0
ns
8
Write command set-up time
tWCS
0
0
ns
7
Write command hold time
tWCH
10
10
ns
Write command pulse width
tWP
10
10
ns
Write command to RAS lead time
tRWL
13
15
ns
Write command to CAS lead time
tCWL
8
10
ns
Data set-up time
tDS
0
0
ns
9
Data hold time
tDH
8
10
ns
9
Refresh period
tREF
64
64
ms
CAS setup time (CAS-before-RAS refresh)
tCSR
5
5
ns
CAS hold time (CAS-before-RAS refresh)
tCHR
10
10
ns
RAS to CAS precharge time
tRPC
5
5
ns
Access time from CAS precharge
tCPA
28
35
ns
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com