Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G73MCS-DC3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G73MCS-DC3
Description  G73
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G73MCS-DC3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G73MCS-DC3 Datasheet HTML 1Page - List of Unclassifed Manufacturers G73MCS-DC3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
TOLL FREE (888) 922-8330 FX (732) 922-6363 E-mail: globalcomponents@msn.com
n Characteristics
Operate Time
10ms, max.
Release Time
5 ms, max.
Dielectric Strength
1500Vrms ( 1 minute, coil to contacts )
1000Vrms ( 1 minute contact to contact )
Insulation Resistance
100mOhm @ 500VDC
Shock Resistance
10g, operative ; 100g, non-destructive
Vibration Resistance
DA 1.5mm, 10-55Hz
Drop Test
1 meter drop on concrete in final enclosure ( 6 axii )
Power Consumption
360mW (Code C) ; 800mW (Code A)
Ambient Temperature
Standard: -40 C to +85 C operating; -40 C to +130 C storage (Class B)
Code A Type: -40 C to +105 C operating; -40 C to +155 storage (Class F)
Weight
12g, approx.
n Dimensions, PCB, and Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com