Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7960A1SW2000 Datasheet(PDF) 2 Page - Belden Inc.

Part # 7960A1SW2000
Description  DataTuff짰 5e, Quad (2 Pr) #22 Sol BC, PO Ins, OSTC Brd, PVC Jkt, CMG CMX-Outdoor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7960A1SW2000 Datasheet(HTML) 2 Page - Belden Inc.

  7960A1SW2000 Datasheet HTML 1Page - Belden Inc. 7960A1SW2000 Datasheet HTML 2Page - Belden Inc. 7960A1SW2000 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
552 ns/100m 70 %
High Freq
Frequency
[MHz]
Max. Insertion Loss
(Attenuation)
Min.
NEXT [dB]
Min. PSNEXT
[dB]
Min. ACR
[dB]
Min. ACRF
(ELFEXT) [dB]
Min. PSACRF
(PSELFEXT) [dB]
Min. RL (Return
Loss) [dB]
Max./Min. Input
Impedance (unFitted)
Max./Min. Fitted
Impedance
1 MHz
2.1 dB/100m
65.3 dB
62.3 dB
63.2 dB
63.8 dB
60.8 dB
23 dB
100 ± 20.2 Ohm
105 ±10 Ohm
4 MHz
4.0 dB/100m
56.3 dB
53.3 dB
56.3 dB
51.7 dB
48.7 dB
23 dB
100 ± 14.2 Ohm
100 ±10 Ohm
8 MHz
5.6 dB/100m
51.8 dB
48.8 dB
46.2 dB
45.7 dB
42.7 dB
23 dB
100 ± 11.3 Ohm
100 ±10 Ohm
10 MHz
6.3 dB/100m
50.3 dB
47.3 dB
43.9 dB
43.8 dB
40.8 dB
25 dB
100 ± 11.3 Ohm
100 ±10 Ohm
16 MHz
8.0 dB/100m
47.3 dB
44.3 dB
35.2 dB
39.7 dB
36.7 dB
25 dB
100 ± 11.3 Ohm
100 ±10 Ohm
20 MHz
9.0 dB/100m
45.8 dB
42.8 dB
36.5 dB
37.7 dB
34.7 dB
25 dB
100 ± 11.3 Ohm
100 ±10 Ohm
25 MHz
10.1 dB/100m
44.3 dB
41.3 dB
34.2 dB
35.8 dB
32.8 dB
25.5 dB
100 ± 11.3 Ohm
100 ±10 Ohm
31.25 MHz
11.4 dB/100m
42.9 dB
39.9 dB
31.3 dB
33.9 dB
30.9 dB
23.6 dB
100 ± 13.2 Ohm
100 ±10 Ohm
62.5 MHz
16.5 dB/100m
38.4 dB
35.4 dB
21.6 dB
27.8 dB
24.8 dB
21.5 dB
100 ± 16.9 Ohm
100 ±10 Ohm
100 MHz
21.3 dB/100m
35.3 dB
32.3 dB
17.1 dB
23.8 dB
20.8 dB
20.1 dB
100 ± 20.0 Ohm
100 ±10 Ohm
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Installation Temp Range:
-25°C To +60°C
UL Temp Rating:
60°C
Storage Temp Range:
-40°C To +80°C
Operating Temp Range:
-40°C To +80°C
Mechanical Characteristics
Bulk Cable Weight:
40.7 lbs/1000ft
Max Recommended Pulling
Tension:
55 lbs
Min Bend Radius/Minor Axis:
2.560 in
Standards
NEC/(UL) Specification:
CMG, CMX-Outdoor, ITC, PLTC
CEC/C(UL) Specification:
CMG
ISO/IEC Compliance:
ISO/IEC 11801 ed 2.1 (2008) Class D
CPR Euroclass:
Eca
Data Category:
Category 5e
Telecommunications
Standards:
NEMA WC-63.1 Category 5e
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV): Yes
EU Directive 2002/96/EC
(WEEE):
Yes
EU Directive 2003/11/EC
(BFR):
Yes
EU Directive 2011/65/EU
(ROHS II):
Yes
EU Directive 2015/863/EU:
Yes
EU RoHS Compliance Date
(yyyy-mm-dd):
2004-01-01
CA Prop 65 (CJ for Wire &
Cable):
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Oil Resistance:
Yes
Suitability - Outdoor:
Yes
Suitability - Sunlight
Resistance:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1685 Vertical Tray Flame Test



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com