Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AXP1G07GS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G07GS
Description  Low-power buffer with open-drain output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G07GS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74AXP1G07GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1G07GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G07GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G07GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G07GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G07GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G07GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G07GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G07GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1G07
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 12 November 2015
3 of 17
Nexperia
74AXP1G07
Low-power buffer with open-drain output
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF state.
Fig 4.
Pin configuration SOT886
Fig 5.
Pin configuration SOT1115
and SOT1202
Fig 6.
Pin configuration SOT1226
(X2SON5)
Table 3.
Pin description
Symbol
Pin
Description
XSON6
X2SON5
n.c.
1
1
not connected
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
5
-
not connected
VCC
6
5
supply voltage
Table 4.
Function table[1]
Input
Output
A
Y
LL
HZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com