Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AXP1G97GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G97GS
Description  Low-power configurable multiple function gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G97GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP1G97GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1G97GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G97GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G97GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G97GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G97GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G97GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G97GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G97GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74AXP1G97 is a configurable multiple function gate with Schmitt-trigger inputs. The
device can be configured as any of the following logic functions MUX, AND, OR, NAND,
NOR, inverter and buffer. All inputs can be connected directly to VCC or GND.
This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.7 V to 2.75 V. This device is fully specified for partial power down
applications using IOFF. The IOFF circuitry disables the output, preventing the potentially
damaging backflow current through the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.7 V to 2.75 V
Low input capacitance; CI = 0.5 pF (typical)
Low output capacitance; CO = 1.0 pF (typical)
Low dynamic power consumption; CPD = 2.6 pF at VCC = 1.2 V (typical)
Low static power consumption; ICC = 0.6 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 2.75 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial power-down mode operation
Multiple package options
Specified from
40 Cto+85 C
74AXP1G97
Low-power configurable multiple function gate
Rev. 2 — 16 September 2015
Product data sheet


Similar Part No. - 74AXP1G97GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1G98 NEXPERIA-74AXP1G98 Datasheet
859Kb / 17P
Low-power configurable multiple function gate
74AXP1G98GM NEXPERIA-74AXP1G98GM Datasheet
859Kb / 17P
Low-power configurable multiple function gate
74AXP1G98GN NEXPERIA-74AXP1G98GN Datasheet
859Kb / 17P
Low-power configurable multiple function gate
74AXP1G98GS NEXPERIA-74AXP1G98GS Datasheet
859Kb / 17P
Low-power configurable multiple function gate
More results

Similar Description - 74AXP1G97GS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
Low-power configurable multiple function gate
Rev. 6-10 January 2011
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com