Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AXP1G98GS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G98GS
Description  Low-power configurable multiple function gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G98GS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1G98GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G98GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G98GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G98GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G98GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G98GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G98GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1G98GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1G98GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1G98
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 13 November 2015
7 of 17
Nexperia
74AXP1G98
Low-power configurable multiple function gate
10.1 Waveform transfer characteristics
11. Dynamic characteristics
Fig 11. Transfer characteristic
Fig 12. Definition of VT+, VT, and VH
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit, see Figure 19.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C to +85 C
Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
A, B, C to Y; see Figure 13
[2][3]
VCC = 0.75 V to 0.85 V
3
13
64
2
166
ns
VCC = 1.1 V to 1.3 V
2.0
4.9
8.9
2.0
9.3
ns
VCC = 1.4 V to 1.6 V
1.7
3.7
6.0
1.6
6.4
ns
VCC = 1.65 V to 1.95 V
1.4
3.1
5.0
1.3
5.3
ns
VCC = 2.3 V to 2.7 V
1.2
2.4
3.8
1.1
4.1
ns
tt
transition time
VCC = 2.7 V; see Figure 13
[4]
--
-
1.0
-
ns
CI
input capacitance
VI = 0 V or VCC;
VCC =0Vto2.75V
-0.5
-
-
-
pF
CO
output
capacitance
VO = 0 V; VCC =0V
-
1.0
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com