Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP3053CX5 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # IP3053CX5
Description  Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP3053CX5 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button IP3053CX5 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP3053CX5 Datasheet HTML 9Page - Nexperia B.V. All rights reserved IP3053CX5 Datasheet HTML 10Page - Nexperia B.V. All rights reserved IP3053CX5 Datasheet HTML 11Page - Nexperia B.V. All rights reserved IP3053CX5 Datasheet HTML 12Page - Nexperia B.V. All rights reserved IP3053CX5 Datasheet HTML 13Page - Nexperia B.V. All rights reserved IP3053CX5 Datasheet HTML 14Page - Nexperia B.V. All rights reserved IP3053CX5 Datasheet HTML 15Page - Nexperia B.V. All rights reserved IP3053CX5 Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IP3053CX5_CX10_CX15_CX20_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 3 May 2010
12 of 15
NXP Semiconductors
IP3053CX5/CX10/CX15/CX20
2, 4, 6 and 8-channel passive EMI-filter network with ESD protection
10. Abbreviations
11. Revision history
Table 12.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Treflow(peak)
peak reflow temperature
230
-
260
°C
t1
time 1
soak time
60
-
180
s
t2
time 2
time during T
≥ 250 °C
-
-
30
s
t3
time 3
time during T
≥ 230 °C
10
-
50
s
t4
time 4
time during T > 217
°C
30
-
150
s
t5
time 5
-
-
540
s
dT/dt
rate of change of temperature
cooling rate
-
-
−6
°C/s
pre-heat
2.5
-
4.0
°C/s
Table 13.
Abbreviations
Acronym
Description
DUT
Device Under Test
EMI
ElectroMagnetic Interference
ESD
ElectroStatic Discharge
HBM
Human Body Model
LAN
Local Area Network
NWA
NetWork Analyzer
PCB
Printed-Circuit Board
PCS
Personal Communication System
PDA
Personal Digital Assistant
RFI
Radio Frequency Interference
RoHS
Restriction of Hazardous Substances
SIM
Subscriber Identity Module
WAN
Wide Area Network
WLCSP
Wafer-Level Chip-Scale Package
Table 14.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
IP3053CX5_CX10_CX15_CX20_1
20100503
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com