Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD3USB30 Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PESD3USB30
Description  ESD protection for differential data lines
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD3USB30 Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PESD3USB30 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 13Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 14Page - Nexperia B.V. All rights reserved PESD3USB30 Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PESDXUSB30_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 26 April 2016
11 of 19
Nexperia
PESDxUSB30 series
ESD protection for differential data lines
8.
Package outline
Fig 15. Package outline WLCSP5
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PESD1USB30
pesd1usb30_po
Unit
mm
max
nom
min
0.60
0.38
0.82
1.22
A
Dimensions (mm are the original dimensions)
WLCSP5: wafer level chip-size package; 5 bumps (2-1-2)
PESD1USB30
A1
b
0.31
DE
e
e1
e2
0.80
0.57
0.37
0.77
1.17
0.40
0.40
0.26
0.54
0.36
0.72
1.12
0.21
0
1 mm
scale
detail X
A
A1
X
A
B
C
E
D
2
1
e2
e1
e
b
1/2 e
B1
bump A1
index area
bump A1
index area
16-01-19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com