Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AXP2G3404GS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74AXP2G3404GS
Description  Low-power buffer and inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2G3404GS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP2G3404GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2G3404GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AXP2G3404 is a single buffer and single inverter.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall
times.
This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.7 V to 2.75 V. It is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.7 V to 2.75 V
Low input capacitance; CI = 0.5 pF (typical)
Low output capacitance; CO = 1.0 pF (typical)
Low dynamic power consumption; CPD = 2.4 pF at VCC = 1.2 V (typical)
Low static power consumption; ICC = 0.6 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 2.75 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C
74AXP2G3404
Low-power buffer and inverter
Rev. 1 — 5 November 2015
Product data sheet


Similar Part No. - 74AXP2G3404GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP2G34 NEXPERIA-74AXP2G34 Datasheet
817Kb / 16P
Low-power dual buffer
74AXP2G34GM NEXPERIA-74AXP2G34GM Datasheet
817Kb / 16P
Low-power dual buffer
74AXP2G34GN NEXPERIA-74AXP2G34GN Datasheet
817Kb / 16P
Low-power dual buffer
74AXP2G34GS NEXPERIA-74AXP2G34GS Datasheet
817Kb / 16P
Low-power dual buffer
More results

Similar Description - 74AXP2G3404GS

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLCF MINILOGIC-ML74WLCF Datasheet
145Kb / 4P
Inverter (unbuffered) and Buffer
logo
NXP Semiconductors
74AUP2G3404 NXP-74AUP2G3404 Datasheet
330Kb / 19P
Low-power buffer and inverter
Rev. 1-22 August 2012
logo
Diodes Incorporated
74AUP2G3404 DIODES-74AUP2G3404 Datasheet
399Kb / 12P
BUFFER AND INVERTER
Rev 4
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06_15 Datasheet
214Kb / 5P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G07 UTC-U74AUP1G07_15 Datasheet
217Kb / 5P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G14 UTC-U74AUP1G14_15 Datasheet
186Kb / 6P
LOW-POWER SINGLE INVERTER BUFFER/DRIVER
logo
Nexperia B.V. All right...
74AUP2G0604 NEXPERIA-74AUP2G0604 Datasheet
846Kb / 20P
Low-power inverting buffer with open-drain and inverter
74AUP3G0434 NEXPERIA-74AUP3G0434 Datasheet
272Kb / 19P
Low-power dual inverter and single buffer
74AUP3G3404 NEXPERIA-74AUP3G3404 Datasheet
271Kb / 19P
Low-power dual buffer and single inverter
74AUP2G3404 NEXPERIA-74AUP2G3404 Datasheet
250Kb / 16P
Low-power buffer and inverter
Rev. 3 - 31 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com