Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD3V3V1BCZF Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PESD3V3V1BCZF
Description  Ultra low clamping bidirectional ESD protection diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD3V3V1BCZF Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PESD3V3V1BCZF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD3V3V1BCZF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD3V3V1BCZF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD3V3V1BCZF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD3V3V1BCZF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD3V3V1BCZF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD3V3V1BCZF Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD3V3V1BCZF Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD3V3V1BCZF Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nexperia
PESD3V3V1BCZF
Ultra low clamping bidirectional ESD protection diode
PESD3V3V1BCZF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved
Product data sheet
18 May 2017
7 / 12
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD972
sod972_po
16-06-22
16-10-10
Unit
mm
max
nom
min
0.225 0.03
0.15
0.4
A
Dimensions (mm are the original dimensions)
Indication
of Cathode
DFN0603-2, ultra small and leadless encapsulated package; 2 terminals; body 0.63 x 0.33 x 0.2 mm
SOD972
A1
b
0.25
0.13
0.23
e1
0.655
E
0.355
0.605
0.305
D
L
0
0.5 mm
scale
A
A1
E
D
0.175
Note
1. The marking bar indicates the cathode.
(1)
b (2x)
L (2x)
1
2
e1
Fig. 11. Package outline DFN0603-2 (SOD972)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com