Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC56-10PAS Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC56-10PAS
Description  45V/60V/80V, 1A NPN medium power transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC56-10PAS Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC56-10PAS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC56-10PAS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
BC54_55_56PAS_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 11 November 2014
2 of 14
Nexperia
BC54PAS; BC55PAS; BC56PAS
45V/60V/80V, 1A NPN medium power transistors
[1]
Pulse test: tp  300 s;   0.02
2.
Pinning information
3.
Ordering information
[1]
Valid for all available selection groups.
ICM
peak collector current
single pulse; tp  1 ms
--2
A
hFE
DC current gain
VCE =2V; IC =150 mA
[1] 63
-
250
hFE selection -10
VCE =2V; IC =150 mA
[1] 63
-
160
hFE selection -16
VCE =2V; IC =150 mA
[1] 100
-
250
Table 2.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1base
2emitter
3
collector
Transparent top view
12
3
sym021
3
2
1
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BC54PAS
DFN2020D-3
DFN2020D-3: plastic thermal enhanced ultra thin small outline
package; no leads; 3 terminals; body 2
 2  0.65 mm.
SOT1061D
BC55PAS
BC56PAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com