Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEMI6QFN Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PEMI6QFN
Description  Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMI6QFN Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PEMI6QFN Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMI6QFN Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMI6QFN Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMI6QFN Datasheet HTML 12Page - Nexperia B.V. All rights reserved PEMI6QFN Datasheet HTML 13Page - Nexperia B.V. All rights reserved PEMI6QFN Datasheet HTML 14Page - Nexperia B.V. All rights reserved PEMI6QFN Datasheet HTML 15Page - Nexperia B.V. All rights reserved PEMI6QFN Datasheet HTML 16Page - Nexperia B.V. All rights reserved PEMI6QFN Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PEMIXQFN_PEMI2STD_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 November 2011
12 of 29
NXP Semiconductors
PEMIxQFN; PEMI2STD family
1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
All important values of the RF behavior such as relative
3dB frequency, insertion loss at
800 MHz and above and also the DC attenuation in an NWA environment can be derived
from the insertion loss response curves depicted in Figure 2 to 6.
Note: insertion loss at low frequencies (1 MHz) is nearly independent from the channel
capacitance values available within the PEMI family.
6.4.1 Relative
3dB frequency (-filter structure)
Rs(ch) =200 
(1) PEMIxxxx/WE
(2) PEMIxxxx/WG
(3) PEMIxxxx/WK
(4) PEMIxxxx/WM
(5) PEMIxxxx/WP
(6) PEMIxxxx/WR
(7) PEMIxxxx/WT
Fig 6.
PEMIxxxx/Wx: Frequency response curves
018aaa165
–30
–20
–40
–10
0
S21
(dB)
–50
f (MHz)
1104
103
10
102
(1)
(2)
(3)
(4)
(5)
(6)
(7)
Table 8.
Relative
3dB frequency (MHz) per RC combination; typical values
Tamb =25 C; unless otherwise specified.
PEMIxxxx/
xE
xG
xK
xM
xP
xR
xT
Cch (pF)
15
19
23
28
32
36
40
PEMIxxxx/
Rs(ch)
Cx
20
397 MHz 317 MHz 264 MHz 218 MHz 194 MHz 170 MHz 153 MHz
Hx
45
376 MHz 300 MHz 249 MHz 206 MHz 185 MHz 161 MHz 145 MHz
Lx
65
361 MHz 288 MHz 239 MHz 197 MHz 176 MHz 155 MHz 139 MHz
Rx
100
343 MHz 272 MHz 227 MHz 187 MHz 166 MHz 145 MHz 131 MHz
Wx
200
311 MHz
247 MHz 205 MHz 169 MHz 150 MHz 132 MHz 119 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com