Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AXP1G58GS Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G58GS
Description  Low-power configurable multiple function gate
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G58GS Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1G58GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G58GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G58GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G58GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G58GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1G58GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1G58GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP1G58GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP1G58GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1G58
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 16 September 2015
9 of 18
Nexperia
74AXP1G58
Low-power configurable multiple function gate
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 1.6 V
(2) Typical: Tamb = 25 C; VCC = 1.5 V
(3) Maximum: VCC = 1.4 V
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 1.3 V
(2) Typical: Tamb = 25 C; VCC = 1.2 V
(3) Maximum: VCC = 1.1 V
Fig 17. Additional tpd versus load capacitance
Fig 18. Additional tpd versus load capacitance
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 0.85 V
(2) Typical: Tamb = 25 C; VCC = 0.8 V
(3) Maximum: VCC = 0.75 V
Fig 19. Additional tpd versus load capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com