Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AXP1G125 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74AXP1G125
Description  Low-power buffer/line driver 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G125 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AXP1G125 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1G125 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G125 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G125 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G125 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G125 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G125 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G125 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G125 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Nexperia
74AXP1G125
Low-power buffer/line driver; 3-state
74AXP1G125
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 18 April 2018
4 / 17
8 Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+3.3
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+3.3
V
IOK
output clamping current
VO < 0 V
-50
-
mA
VO
output voltage
[1]
-0.5
+3.3
V
IO
output current
VO = 0 V to VCC
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
-50
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +85 °C
-
250
mW
[1] The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
9 Recommended operating conditions
Table 6. Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.7
2.75
V
VI
input voltage
0
2.75
V
Active mode
0
VCC
V
VO
output voltage
Power-down mode; VCC = 0 V
0
2.75
V
Tamb
ambient temperature
-40
+85
°C
Δt/ΔV
input transition rise and fall rate
VCC = 0.7 V to 2.75 V
0
200
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com