Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AXP1T34GS Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T34GS
Description  Dual supply translating buffer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T34GS Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1T34GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T34GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T34GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T34GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T34GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T34GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1T34GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1T34GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP1T34GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP1T34
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 1 — 22 December 2015
8 of 21
Nexperia
74AXP1T34
Dual supply translating buffer
[1]
Typical values are measured at nominal supply voltages and tamb = +25 C.
[2]
tpd is the same as tPLH and tPHL.
[3]
tt is the same as tTHL and tTLH.
Table 11.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13; for wave form see Figure 6.
Symbol Parameter
Conditions
VCCO
Unit
2.5 V
 0.2 V
3.3 V
 0.3 V
5.0 V
 0.5 V
Min
Typ[1]
Max
Min
Typ[1] Max
Min
Typ[1] Max
Tamb = 25 C
tpd
propagation
delay
A to Y
[2]
VCCI = 0.75 V to 0.85 V
2
13
57
2
13
65
2
14
77
ns
VCCI = 1.1 V to 1.3 V
2.4
6.5
10.8
2.2
5.9
9.5
2.1
5.6
9.0
ns
VCCI = 1.4 V to 1.6 V
2.1
5.7
9.1
2.0
5.1
8.2
1.9
4.8
7.7
ns
VCCI = 1.65 V to 1.95 V
2.0
5.3
8.7
1.8
4.7
7.7
1.8
4.4
7.3
ns
VCCI = 2.3 V to 2.7 V
1.9
4.9
8.1
1.7
4.3
7.1
1.6
4.0
6.6
ns
Tamb = 40 C to +85 C
tpd
propagation
delay
A to Y
[2]
VCCI = 0.75 V to 0.85 V
2
13
152
2
13
179
2
14
210
ns
VCCI = 1.1 V to 1.3 V
2.4
6.5
10.8
2.2
5.9
9.5
2.1
5.6
9.0
ns
VCCI = 1.4 V to 1.6 V
2.1
5.7
9.1
2.0
5.1
8.2
1.9
4.8
7.7
ns
VCCI = 1.65 V to 1.95 V
2.0
5.3
8.7
1.8
4.7
7.7
1.8
4.4
7.3
ns
VCCI = 2.3 V to 2.7 V
1.9
4.9
8.1
1.7
4.3
7.1
1.6
4.0
6.6
ns
tt
transition
time
VCCI = 0.75 V to 2.7 V
[3]
1.0
-
-
1.0
-
-
1.0
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com