Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AXP1T57GS Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74AXP1T57GS
Description  Dual supply configurable multiple function gate
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1T57GS Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1T57GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP1T57GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Nexperia
74AXP1T57
Dual supply configurable multiple function gate
74AXP1T57
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 5 — 3 July 2017
8 / 24
Tamb = -40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ 25 °C Max 25 °C Max 85 °C
Unit
inputs; VI = 0 V to 2.75 V;
VCCI = 0 V; VCCO = 0 V to 5.5 V
[1]
-
±0.01
±0.1
±0.5
μA
IOFF
power-off
leakage
current
output; VO = 0 V to 5.5 V;
VCCO = 0 V; VCCI = 0 V to 2.75 V;
VI = 0 V to 2.75 V
[1]
-
±0.01
±0.1
±0.5
μA
inputs; VI = 0 V or 2.75 V;
VCCI = 0 V to 0.1 V;
VCCO = 0 V to 5.5 V
[1]
-
±0.02
±0.1
±0.5
μA
ΔIOFF
additional
power-off
leakage
current
output; VO = 0 V or 5.5 V;
VCCO = 0 V to 0.1 V;
VCCI = 0 V to 2.75 V;
VI = 0 V or 2.75 V
[1]
-
±0.02
±0.1
±0.5
μA
[1]
Typical values are measured at VCCI = VCCO = 1.2 V unless otherwise specified.
mna207
VO
VI
VH
VT+
VT-
Figure 13.  Transfer characteristic
mna208
VO
VI
VH
VT+
VT-
Figure 14.  Definition of VT+, VT-, and VH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com