Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74AXP2T3407GS Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T3407GS
Description  Dual supply single buffer and single buffer with open-drain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T3407GS Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T3407GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AXP2T3407GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© Nexperia B.V. 2017. All rights reserved
74AXP2T3407
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 7 October 2016
11 of 22
Nexperia
74AXP2T3407
Dual supply single buffer and single buffer with open-drain
11.1 Waveforms and graphs
Measurement points are given in Table 14.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 5.
Input nA to output nY propagation delay times and output transition times
Table 14.
Measurement points
Supply voltage
Output
Input
VCCI
VCCO
VM
VX
VM
VI
0.75 V to 2.7 V
1.2 V to 1.6 V
0.5VCCO
VOL +0.1 V
0.5VCCI
VCCI
0.75 V to 2.7 V
1.65 V to 2.7 V
0.5VCCO
VOL + 0.15 V
0.5VCCI
VCCI
0.75 V to 2.7 V
3.0 V to 5.5 V
0.5VCCO
VOL +0.3 V
0.5VCCI
VCCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com