Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS-1C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AS-1C
Description  SEMI-PRECISION POWER WIREWOUND RESISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS-1C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AS-1C Datasheet HTML 1Page - List of Unclassifed Manufacturers AS-1C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
ISO-9001
Registered
TEST CONDITION
Load Life 1000 hours
Moisture Resistance
Temperature Cycle
Short Time Overload
Low Temperature Operation
Solder Heat
Shock
Vibration
25
75
125
175
225
275
0
75
100
125
150
175
200
AS-1/4, 1/2, 1
AS-3
AS-2A, 2C
AS-2
AS-5, 10
AS-7, 25
0
40
80
120
160
200
50
100
150
200
250
275
AS-7, 10
AS-5
AS-2A, 2C
AS-2
AS-2B
AS-1/2
AS-1/4
25
POWER DERATING:
ENVIRONMENTAL TESTING AT 25°C:
HOW TO ORDER:
Sample Part No.:
AS-3 27R0 0.25%
Type
Power
3 =3 watts
(See specification chart
for other power ratings)
Resistance Value
Expressed in ohms
(Standard EIA/MIL Values)
Tolerance
±5%, ±3%, ±1%, ±0.5%
MAX
∆∆∆∆∆R
1.0%
1.0%
0.5%
0.5%
0.5%
0.25%
0.5%
0.5%
TEMPERATURE RISE @ 125°C:
Ambient Temperature (°C)
Percent of 25°C Power Rating
TEMPERATURE RISE @ 25°C:
0.1
0.2
0.5
1
2
5
10
0
2
4
6
8
10
12
14
AS-2A
AS-3
AS-2
AS-2B
AS-1
AS-2C
AS-1/2
AS-1/4
SELECTED PULSE-HANDLING
CAPABILITY @ 125°C:
Resistance (ohms)
AS-3,
AS-1, AS-2
AS-2B
WIREWOUND AND FILM TECHNOLOGIES DIVISION
736 Greenway Road • Boone, North Carolina 28607-1860 • Tel: 828-264-8861 • Fax: 828-264-8866 • www.irctt.com
0
204060
80
100
125
150
200
250
275
AS-7, 10
AS-5
AS-3, 2A, 2C
AS-2
AS-2B
AS-1/2
AS-1/4
Percent of 125°C Power Rating
AS2A, AS2C
AS-3, AS-5
0
40
80
120
160
200
AS-7, 2B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com