Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7443D Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7443D
Description  TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR WITH AGC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7443D Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7443D Datasheet HTML 1Page - STMicroelectronics TDA7443D Datasheet HTML 2Page - STMicroelectronics TDA7443D Datasheet HTML 3Page - STMicroelectronics TDA7443D Datasheet HTML 4Page - STMicroelectronics TDA7443D Datasheet HTML 5Page - STMicroelectronics TDA7443D Datasheet HTML 6Page - STMicroelectronics TDA7443D Datasheet HTML 7Page - STMicroelectronics TDA7443D Datasheet HTML 8Page - STMicroelectronics TDA7443D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TDA7443D
4/15
ELECTRICAL CHARACTERISTICS
(Refer to the test circuit Tamb=25C, Vs=9V, f=1kHz ,all controls flat, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
5
9
10
V
IS
Supply Current
tbd
mA
SVR
Ripple Rejection
60
80
dB
INPUT STAGE
RIN
Input Resistance
35
50
65
k
VCL
Clipping Level
THD = 0.3%
2
2.5
Vrms
SIN
Input Separation
80
100
dB
Gin min
Minimum Input Gain
-1
0
1
dB
Gin max
Maximum Input Gain
13
14
15
dB
Gin step
Step Resolution
1.5
2
2.5
dB
AGC
GAGCmin Minimum AGC Gain
-1
0
1
dB
GAGCmax Maximum AGC Gain
6
7
8
dB
GAGCstep Step Resolution
0.5
1
1.5
dB
SURROUND
RIN
Input Resistance
35
50
65
k
RPS0
Phase Shifter:D1=0,D0=0
8.3
11.8
15.2
k
RPS1
Phase Shifter:D1=0,D0=1
10
14.1
18.3
k
RPS2
Phase Shifter:D1=1,D0=0
12.6
17.9
23.3
k
RPS3
Phase Shifter:D1=1,D0=1
26.4
37.3
48.85
k
CRANGE
Effect Control Range
-21
-6
dB
Sstep
Effect Control Step Resolution
0.5
1
1.5
dB
VOLUME CONTROL
AVOLmin
Minimum Attenuation
-1
0
1
dB
AVOLmax
Maximum Attenuation
61
63
65
dB
AVOLstep
Step Resolution
0.5
1
1.5
dB
EA
Attenuation set error
AV = 0 to –24 dB
-1
0
1
dB
AV = –24 to –63 dB
-2
0
2
dB
VDC
DC Steps
Adjacent att. steps
-3
0
3
mV
BASS CONTROL
GB
Control Range
Max. Boost/Cut
±12
±14
±16
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com