Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATF1508ASVL-20AI100 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF1508ASVL-20AI100
Description  Highperformance EE PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508ASVL-20AI100 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF1508ASVL-20AI100 Datasheet HTML 14Page - ATMEL Corporation ATF1508ASVL-20AI100 Datasheet HTML 15Page - ATMEL Corporation ATF1508ASVL-20AI100 Datasheet HTML 16Page - ATMEL Corporation ATF1508ASVL-20AI100 Datasheet HTML 17Page - ATMEL Corporation ATF1508ASVL-20AI100 Datasheet HTML 18Page - ATMEL Corporation ATF1508ASVL-20AI100 Datasheet HTML 19Page - ATMEL Corporation ATF1508ASVL-20AI100 Datasheet HTML 20Page - ATMEL Corporation ATF1508ASVL-20AI100 Datasheet HTML 21Page - ATMEL Corporation ATF1508ASVL-20AI100 Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ATF1508ASV(L)
21
Packaging Information
*Controlling dimension: Millimeters
PIN 1 ID
16.95 (0.667)
17.44 (0.687)
19.87 (.782)
20.12 (.792)
22.95 (0.904)
23.45 (0.923)
0.65 (0.026) BSC
0.22 (0.009)
0.41 (0.016)
3.40 (.134) MAX
0.10 (0.004) MIN
0.73 (0.028)
1.03 (0.041)
13.87 (0.546)
14.12 (0.556)
0.10 (0.004)
0.25 (0.010)
0
7
*Controlling dimension: Millimeters
PIN 1 ID
0.56(0.022)
0.44(0.018)
16.25(0.640)
15.75(0.620)
0.27(0.011)
0.17(0.007)
14.10(0.555)
13.90(0.547)
0.15(0.006)
0.05(0.002)
0.75(0.030)
0.45(0.018)
0-7
0.20(0.008)
0.10(0.004)
1.05(0.041)
0.95(0.037)
*Controlling dimension: Millimeters
1.218(30.95)
1.238(31.45)
SQ
.008(0.20)
.016(0.40)
PIN 1 ID
.0256(0.65) BSC
1.098(27.90)
1.106(28.10)
SQ
.127(3.22)
.157(3.97)
.002(0.05)
.020(0.50)
.025(0.65)
.037(0.95)
0
7
.004(0.10)
.009(0.23)
84J, 84-lead, Plastic J-leaded Chip Carrier (PLCC)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-018 AF
100Q, 100-lead, Plastic Gull Wing Quad Flat
Package (PQFP)
Dimensions in Millimeters and (Inches)
100A, 100-lead, Very Thin (1.0mm) Plastic Gull
Wing Quad Flat Package (TQFP)
Dimensions in Millimeters and (Inches)*
160Q, 160-lead, Plastic Gull Wing Quad Flat
Package (PQFP)
Dimensions in Millimeters and (Inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com