Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML65B33MR Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML65B33MR
Description  ML65 Series DC-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ML65B33MR Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML65B33MR Datasheet HTML 2Page - List of Unclassifed Manufacturers ML65B33MR Datasheet HTML 3Page - List of Unclassifed Manufacturers ML65B33MR Datasheet HTML 4Page - List of Unclassifed Manufacturers ML65B33MR Datasheet HTML 5Page - List of Unclassifed Manufacturers ML65B33MR Datasheet HTML 6Page - List of Unclassifed Manufacturers ML65B33MR Datasheet HTML 7Page - List of Unclassifed Manufacturers ML65B33MR Datasheet HTML 8Page - List of Unclassifed Manufacturers ML65B33MR Datasheet HTML 9Page - List of Unclassifed Manufacturers ML65B33MR Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
P9/10
Rev. B, July 2005
ML65
ML65A30
VOUT = 3.0V
VIN = 1.8V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
2.925 3.000 3.075
V
Input Voltage
VIN
8
V
Startup Voltage
VSTART
IOUT = 1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.7
V
Supply Current 1
IDD1
VIN = 2.85V
30
uA
Supply Current 2
IDD2
VIN = 3.05V
11
uA
Lx Switching Current
ILX
VLX=0.4V, VIN=2.85V
250
mA
Lx Leakage Current
ILXLEAK
VIN=6.0V, VLX=6.0V
0.5
uA
Oscillator Frequency
FOSC
100
150
KHz
Oscillator Duty Cycle
MAXDTY
80
87
92
%
Efficiency
EFF
85
%
Slow –Start Time
TSS
5
15
25
ms
ML65A33
VOUT = 3.3V VIN = 2.0V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
3.218 3.300 3.383
V
Input Voltage
VIN
8
V
Startup Voltage
VSTART
IOUT = 1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.7
V
Supply Current 1
IDD1
VIN = 3.135V
33
uA
Supply Current 2
IDD2
VIN = 3.35V
12
uA
Lx Switching Current
ILX
VLX=0.4V, VIN=3.135V
260
mA
Lx Leakage Current
ILXLEAK
VIN=6.0V, VLX=6.0V
0.5
uA
Oscillator Frequency
FOSC
100
150
KHz
Oscillator Duty Cycle
MAXDTY
80
87
92
%
Efficiency
EFF
85
%
Slow –Start Time
TSS
5
15
25
ms
ML65A50
VOUT = 5.0V
VIN = 3.0V, IOUT = 10mA, Ta = 25
oC, unless otherwise provided.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Voltage
VOUT
4.875 5.000 5.125
V
Input Voltage
VIN
8
V
Startup Voltage
VSTART
IOUT = 1mA
0.8
0.9
V
Hold-on Voltage
VHOLD
IOUT = 1mA
0.7
V
Supply Current 1
IDD1
VIN = 4.75V
70
uA
Supply Current 2
IDD2
VIN = 5.05V
26
uA
Lx Switching Current
ILX
VLX=0.4V, VIN= 4.75V
290
mA
Lx Leakage Current
ILXLEAK
VIN=6.0V, VLX=6.0V
0.5
uA
Oscillator Frequency
FOSC
100
150
KHz
Oscillator Duty Cycle
MAXDTY
80
87
92
%
Efficiency
EFF
85
%
Slow –Start Time
TSS
5
15
25
ms
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com