Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6C104 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C104
Description  Spread Spectrum Clock Synthesizer for Desktop Pentium II
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C104 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C104 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
236
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8164B
03/15/99
PI6C104
Spread Spectrum Clock Synthesizer
for Desktop Pentium II
PI6C104 I2C Address Assignment 0D2H
2-WireI2CControl
The I2C interface permits individual enable/disable of each clock
output and test mode enable.
The PI6C104 is a slave receiver device. It can not be read back. Sub
addressing is not supported. All preceding bytes must be sent in
order to change one of the control bytes.
Every byte put on the SDATA line must be 8-bits long (MSB first),
followed by an acknowledge bit generated by the receiving device.
During normal data transfers SDATA changes only when SCLK is
LOW. Exceptions: A HIGH to LOW transition on SDATA while
SCLK is HIGH indicates a “start” condition. A LOW to HIGH
transition on SDATA while SCLK is HIGH is a “stop” condition
and indicates the end of a data transfer cycle.
Each data transfer is initiated with a start condition and ended
with a stop condition. The first byte after a start condition is always
a 7-bit address byte followed by a read/write bit. (HIGH = read
from addressed device, LOW = write to addressed device).
If the device’s own address is detected, PI6C104 generates an
acknowledge by pulling SDATA line LOW during ninth clock
pulse, then accepts the following data bytes until another start or
stop condition is detected.
Following acknowledgement of the address byte (D2), two more
bytes must be sent:
1. “Command Code” byte, and
2. “Byte Count” byte.
Although the data bits on these two bytes are “don’t care,” they
must be sent and acknowledged.
7
A6
A5
A4
A3
A2
A1
A0
A
11
0
1
00
1
0
Clock Enable Configuration
#
D
P]
1
:
0
[
K
L
C
U
P
C]
5
:
1
[
K
L
C
I
C
PF
_
K
L
C
I
C
Ps
k
c
o
l
C
r
e
h
t
Ol
a
t
s
y
r
Cs'
O
C
V
0w
o
lw
o
lg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
1g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
e
l
b
a
T
y
c
n
e
u
q
e
r
F
0
S1
S2
SU
P
CI
C
P
00
0
5
70
3
00
1
8
.
6
64
.
3
3
01
0
6
.
6
63
.
3
3
01
1
8
.
6
64
.
3
3
10
0
2
1
13
.
7
3
10
1
3
.
3
83
.
3
3
11
0
0
0
13
.
3
3
11
1
0
0
13
.
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com