Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS62LS4008FC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CS62LS4008FC
Description  Low Power CMOS SRAM 512K X 8 Bits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS62LS4008FC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CS62LS4008FC Datasheet HTML 1Page - List of Unclassifed Manufacturers CS62LS4008FC Datasheet HTML 2Page - List of Unclassifed Manufacturers CS62LS4008FC Datasheet HTML 3Page - List of Unclassifed Manufacturers CS62LS4008FC Datasheet HTML 4Page - List of Unclassifed Manufacturers CS62LS4008FC Datasheet HTML 5Page - List of Unclassifed Manufacturers CS62LS4008FC Datasheet HTML 6Page - List of Unclassifed Manufacturers CS62LS4008FC Datasheet HTML 7Page - List of Unclassifed Manufacturers CS62LS4008FC Datasheet HTML 8Page - List of Unclassifed Manufacturers CS62LS4008FC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
SWITCHING WAVEFORMS (READ CYCLE)
READ CYCLE1
(1,2,4)
t
AA
t
OH
t
OH
t
RC
ADDRESS
D
OUT
READ CYCLE2
(1,3,4)
t
CE
t
CLZ
(5)
t
CHZ
(5)
CE
D
OUT
READ CYCLE3
(1,4)
t
AA
t
OH
t
RC
ADDRESS
t
CE
t
CLZ
(5)
t
CHZ
(5)
CE
D
OUT
OE
t
OHZ
(1,5)
t
OE
t
OLZ
NOTES:
1.
WE\ is high in read cycle.
2.
Device is continuously selected when CE\ = VIL
3.
Address valid prior to or coincident with CE\ transition low.
4.
OE\ = VIL.
5.
Transition is measured ±500mV from steady state with CL=5pF as shown in Figure 1B. The
parameter is guaranteed but not 100% tested.
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com