Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS62LS4008HC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CS62LS4008HC
Description  Low Power CMOS SRAM 512K X 8 Bits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS62LS4008HC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CS62LS4008HC Datasheet HTML 3Page - List of Unclassifed Manufacturers CS62LS4008HC Datasheet HTML 4Page - List of Unclassifed Manufacturers CS62LS4008HC Datasheet HTML 5Page - List of Unclassifed Manufacturers CS62LS4008HC Datasheet HTML 6Page - List of Unclassifed Manufacturers CS62LS4008HC Datasheet HTML 7Page - List of Unclassifed Manufacturers CS62LS4008HC Datasheet HTML 8Page - List of Unclassifed Manufacturers CS62LS4008HC Datasheet HTML 9Page - List of Unclassifed Manufacturers CS62LS4008HC Datasheet HTML 10Page - List of Unclassifed Manufacturers CS62LS4008HC Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Low Power CMOS SRAM
512K X 8 Bits
UC62LS4008
-20/-25
WRITE CYCLE2
(1,6)
t
WC
ADDRESS
t
DH
t
WHZ
WE
D
OUT
CE
t
CW
(11)
t
WP
(2)
t
AW
t
AS
D
IN
t
DW
t
OH
(8)
(7)
NOTES:
1.
WE\ must be high during address transitions.
2.
The internal write time of the memory is defined by the overlap of CE\ and WE\ low. All signals
must be active to initiate a write and any one can terminate a write by going inactive. The data
input setup and hold timing should be referenced to the second transition edge of the signal that
terminates the write.
3.
TWR is measured from the earlier of CE\ or WE\ going high at the end of write cycle.
4.
During this period, DQ pins are in the output state so that the input signals of opposite phase to
the outputs must not be applied.
5.
If the CE\ low transition occurs simultaneously with the WE\ low transitions or after the WE\
transition, output remain in a high impedance state.
6.
OE\ is continuously low (OE\ = VIL).
7.
DOUT is the same phase of write data of this write cycle.
8.
DOUT is the read data of next address.
9.
If CE\ is low during this period, DQ pins are in the output state. Then the data input signals of
opposite phase to the outputs must not be applied to them.
10. Transition is measured 500mV from steady state with CL = 5pF as shown in Figure 1B. The
parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of CE\ going low to the end of write.
U-Chip Technology Corp. LTD.
.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com