Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT4140 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MMBT4140
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBT4140 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBT4140 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT4140 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT4140 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBT4140 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 / 4
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
MMBT4140
NPN Transistor
www.pingjingsemi.com
Revision:1.0 May-2019
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE = 5 V, IC = 1 mA
at VCE = 5 V, IC = 500 mA
at VCE = 5 V, IC = 1 A
hFE
hFE
hFE
300
300
200
-
900
-
Collector Base Cutoff Current
at VCB = 40 V
ICBO
-
100
nA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
100
nA
Collector Emitter Saturation Voltage
at IC = 100 mA, IB = 1 mA
at IC = 500 mA, IB = 50 mA
at IC = 1 A, IB = 100 mA
VCE(sat)
-
-
-
200
250
500
mV
Base Emitter Saturation Voltage
at IC = 1 A, IB = 100 mA
VBE(sat)
-
1.2
V
Base Emitter Turn-on Voltage
at VCE = 5 V, IC = 1 A
VBE(on)
-
1.1
V
Transition Frequency
at VCE = 10 V, IC = 50 mA, f = 100 MHz
fT
150
-
MHz
Collector Capacitance
at VCB = 10 V, f = 1 MHz, IE = 0
Cob
-
10
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com